Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8143FS Datasheet(PDF) 9 Page - Analog Devices

Part # DAC8143FS
Description  12-Bit Serial Daisy-Chain CMOS D/A Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8143FS Datasheet(HTML) 9 Page - Analog Devices

Back Button DAC8143FS Datasheet HTML 4Page - Analog Devices DAC8143FS Datasheet HTML 5Page - Analog Devices DAC8143FS Datasheet HTML 6Page - Analog Devices DAC8143FS Datasheet HTML 7Page - Analog Devices DAC8143FS Datasheet HTML 8Page - Analog Devices DAC8143FS Datasheet HTML 9Page - Analog Devices DAC8143FS Datasheet HTML 10Page - Analog Devices DAC8143FS Datasheet HTML 11Page - Analog Devices DAC8143FS Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
DAC8143
–9–
REV. C
Table I. Truth Table
DAC8143 Logic Inputs
Input Register/
Digital Output
Control Inputs
DAC Register
Control Inputs
STB4
STB
3
STB2
STB1
CLR
LD
2
LD
1
DAC8143 Operation
Notes
01
0
g
XX
X
01
g
0
X
X
X
Serial Data Bit Loaded from SRI
0
f
0
0
X
X
X
into Input Register and Digital Output
2, 3
g
1
0
0
X
X
X
(SRO Pin) after 12 Clocked Bits.
1X
X
X
X
0
X
X
No Operation (Input Register and SRO)
3
XX
1
X
XX
X
1
Reset DAC Register to Zero Code
0
X
X
(Code: 0000 0000 0000)
1, 3
(Asynchronous Operation)
1
1
X
No Operation (DAC Register and SRO)
3
1X
1
1
0
0
Load DAC Register with the Contents
3
of Input Register
NOTES
1
CLR = 0 asynchronously resets DAC Register to 0000 0000 0000, but has no effect on Input Register.
2Serial data is loaded into Input Register MSB first, on edges shown. g is positive edge, f is negative edge.
30 = Logic LOW, 1 = Logic HIGH, X = Don’t Care.
APPLICATIONS INFORMATION
UNIPOLAR OPERATION (2-QUADRANT)
The circuit shown in Figures 16 and 17 may be used with an ac
or dc reference voltage. The circuit’s output will range between
0 V and +10(4095/4096) V depending upon the digital input
code. The relationship between the digital input and the analog
output is shown in Table II. The VREF voltage range is the maxi-
mum input voltage range of the op amp or
±25 V, whichever is
lowest.
Table II. Unipolar Code Table
Digital Input
Nominal Analog Output
(VOUT as Shown
MSB
LSB
in Figures 16 and 17)
1 1 1 1 1 1 1 1 1 1 1 1
–VREF
4095
4096


1 0 0 0 0 0 0 0 0 0 0 1
–VREF
2049
4096
1 0 0 0 0 0 0 0 0 0 0 0
–VREF
2048
4096
= –
VREF
2
0 1 1 1 1 1 1 1 1 1 1 1
–VREF
2047
4096
0 0 0 0 0 0 0 0 0 0 0 1
–VREF
1
4096
0 0 0 0 0 0 0 0 0 0 0 0
–VREF
0
4096
= 0
NOTES
1Nominal full scale for the circuits of Figures 16 and 17 is given by
FS = –VREF
4095
4096


.
2Nominal LSB magnitude for the circuits of Figures 16 and 17 is given by
LSB = VREF
1
4096


or VREF(2
–n).
OP-77
+5V
VREF
VDD
RFEEDBACK
IOUT1
IOUT2
AGND
DGND
SRO
(BUFFERED
DIGITAL
DATA OUT)
15pF
+15V
–15V
VOUT
7
6
4
3
2
15
14
13
4, 5
8–11
7
1
2
3
6
12
DAC8143
CONTROL
INPUTS
SRI
(SERIAL
DATA IN)
VREF
–10V
CLR
Figure 16. Unipolar Operation with High Accuracy Op
Amp (2-Quadrant)
OP-42
+5V
VREF
VDD
RFEEDBACK
IOUT1
IOUT2
AGND
DGND
SRO
(BUFFERED
DIGITAL
DATA OUT)
15pF
+15V
–15V
VOUT
7
6
4
3
2
15
14
13
4, 5
8–11
7
1
2
3
6
12
DAC8143
CONTROL
INPUTS
SRI
(SERIAL
DATA IN)
VREF
–10V
R2
50
R1
100
CLR
Figure 17. Unipolar Operation with Fast Op Amp and
Gain Error Trimming (2-Quadrant)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com