Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAMAM26S Datasheet(PDF) 35 Page - ITT Industries

Part # DAMAM26S
Description  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMAM26S Datasheet(HTML) 35 Page - ITT Industries

Back Button DAMAM26S Datasheet HTML 31Page - ITT Industries DAMAM26S Datasheet HTML 32Page - ITT Industries DAMAM26S Datasheet HTML 33Page - ITT Industries DAMAM26S Datasheet HTML 34Page - ITT Industries DAMAM26S Datasheet HTML 35Page - ITT Industries DAMAM26S Datasheet HTML 36Page - ITT Industries DAMAM26S Datasheet HTML 37Page - ITT Industries DAMAM26S Datasheet HTML 38Page - ITT Industries DAMAM26S Datasheet HTML 39Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 62 page
background image
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
C
C-35
Cannon Combo D® High Power 90° PCB Receptacle DE-DC
Military/High Reliability
40 A High power 90° PCB Receptacle, Sizes DE-DC, with metal bracket
INDUSTRIAL – US
INDUSTRIAL – EU
MILITARY/HI-REL – US
NON-MAGNETIC/LOW OUTGASSING – US*
40 A High power inserted with
40 A High power inserted with
40 A High power inserted with
40 A High power inserted with
US footprint metal bracket
EU footprint metal bracket
US footprint metal bracket
US footprint metal bracket
and UNC 4-40 captive nut
and UNC 4-40 captive nut
and UNC 4-40 captive nut
and UNC 4-40 screw lock
Shell Layout P/N without
P/N with
P/N without
P/N with
P/N without
P/N with
P/N with
size
Boardlock
Boardlock
Boardlock
Boardlock
Boardlock
Boardlock
Gold Plating
DE
2W2
DEMP2H2S-VA197
DEMC2H2S-VA197
DEMP2P2S-JA197
DEMC2P2S-JA197
DEMMP2H2S-V
DEMMC2H2S-V
DEM2H2S-VNMBK52
DE
2WK2
DEMP2HK2S-VA197
DEMC2HK2S-VA197
DEMP2PK2S-JA197
DEMC2PK2S-JA197
DEMMP2HK2S-V
DEMMC2HK2S-V
DEM2HK2S-VNMBK52
DE
5W1
DEMP5H1S-VA197
DEMC5H1S-VA197
DEMP5P1S-JA197
DEMC5P1S-JA197
DEMMP5H1S-V
DEMMC5H1S-V
DEM5H1S-VNMBK52
DA
7W2
DAMP7H2S-VA197
DAMC7H2S-VA197
DAMP7P2S-JA197
DAMC7P2S-JA197
DAMMP7H2S-V
DAMMC7H2S-V
DAM7H2S-VNMBK52
DA
11W1
DAMP11H1S-VA197
DAMC11H1S-VA197
DAMP11P1S-JA197
DAMC11P1S-JA197
DAMMP11H1S-V
DAMMC11H1S-V
DAM11H1S-VNMBK52
DA
3W3
DAMP3H3S-VA197
DAMC3H3S-VA197
DAMP3P3S-JA197
DAMC3P3S-JA197
DAMMP3H3S-V
DAMMC3H3S-V
DAM3H3S-VNMBK52
DA
3WK3
DAMP3HK3S-VA197
DAMC3HK3S-VA197
DAMP3PK3S-JA197
DAMC3PK3S-JA197
DAMMP3HK3S-V
DAMMC3HK3S-V
DAM3HK3S-VNMBK52
DB
5W5
DBMP5H5S-VA197
DBMC5H5S-VA197
DBMP5P5S-JA197
DBMC5P5S-JA197
DBMMP5H5S-V
DBMMC5H5S-V
DBM5H5S-VNMBK52
DB
9W4
DBMP9H4S-VA197
DBMC9H4S-VA197
DBMP9P4S-JA197
DBMC9P4S-JA197
DBMMP9H4S-V
DBMMC9H4S-V
DBM9H4S-VNMBK52
DB
13W3
DBMP13H3S-VA197
DBMC13H3S-VA197
DBMP13P3S-JA197
DBMC13P3S-JA197
DBMMP13H3S-V
DBMMC13H3S-V
DBM13H3S-VNMBK52
DB
17W2
DBMP17H2S-VA197
DBMC17H2S-VA197
DBMP17P2S-JA197
DBMC17P2S-JA197
DBMMP17H2S-V
DBMMC17H2S-V
DBM17H2S-VNMBK52
DB
21W1
DBMP21H1S-VA197
DBMC21H1S-VA197
DBMP21P1S-JA197
DBMC21P1S-JA197
DBMMP21H1S-V
DBMMC21H1S-V
DBM21H1S-VNMBK52
DC
8W8
DCMP8H8S-VA197
DCMC8H8S-VA197
DCMP8P8S-JA197
DCMC8P8S-JA197
DCMMP8H8S-V
DCMMC8H8S-V
DCM8H8S-VNMBK52
DC
13W6
DCMP13H6S-VA197
DCMC13H6S-VA197
DCMP13P6S-JA197
DCMC13P6S-JA197
DCMMP13H6S-V
DCMMC13H6S-V
DCM13H6S-VNMBK52
DC
17W5
DCMP17H5S-VA197
DCMC17H5S-VA197
DCMP17P5S-JA197
DCMC17P5S-JA197
DCMDMP17H5S-V
DCMMC17H5S-V
DCM17H5S-VNMBK52
DC
21WA4
DCMP21HA4S-VA197
DCMC21HA4S-VA197
DCMP21PA4S-JA197
DCMC21PA4S-JA197
DCMMP21HA4S-V
DCMMC21HA4S-V
DCMG21HA4S-VNMBK52
DC
25W3
DCMP25H3S-VA197
DCMC25H3S-VA197
DCMP25P3S-JA197
DCMC25P3S-JA197
DCMMP25H3S-V
DCMMC25H3S-V
DCM25H3S-VNMBK52
DC
27W2
DCMP27H2S-VA197
DCMC27H2S-VA197
DCMP27P2S-JA197
DCMC27P2S-JA197
DCMMP27H2S-V
DCMMC27H2S-V
DCM27H2S-VNMBK52
* Hardware Modifier not allowed with Non Magnetic/ Low Outgassing Combo-D; contact factory for more information
Shell
A
B
C
D
E
F
W
L
size
± 0,38 (.015)
± 0,13 (.005)
± 0,13 (.005)
± 0,13 (.005)
± 0,38 (.015)
± 0,25 (.010)
± 0,38 (.015)
± 0,25 (.010)
DE
30,81 (1.213)
16,33 (.643)
24,99 (.984)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DA
39,14 (1.541)
24,65 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DB
53,04 (2.088)
38,38 (1.511)
47,04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2,500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
Dimensions
US version shown – for
EU version, please see
Combo D Catalog.
Receptacle
• For contact cavity arrangements, see page C-43.
• For pcb hole pattern, see Combo D Catalog.
ca_C1-C61.qxd:Layout 1
2/10/11
9:32 AM
Page 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com