Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM708 Datasheet(PDF) 8 Page - Analog Devices

Part # ADM708
Description  Low Cost uP Supervisory Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM708 Datasheet(HTML) 8 Page - Analog Devices

  ADM708 Datasheet HTML 1Page - Analog Devices ADM708 Datasheet HTML 2Page - Analog Devices ADM708 Datasheet HTML 3Page - Analog Devices ADM708 Datasheet HTML 4Page - Analog Devices ADM708 Datasheet HTML 5Page - Analog Devices ADM708 Datasheet HTML 6Page - Analog Devices ADM708 Datasheet HTML 7Page - Analog Devices ADM708 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
REV. B
–8–
ADM705–ADM708
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Lead Plastic DIP
(N-8)
0.125 (3.18)
MIN
0.165
± 0.01
(4.19
± 0.25)
0.035
± 0.01
(0.89
± 0.25)
0.018
± 0.003
(0.46
± 0.08)
0.10 (2.54)
TYP
0.18
± 0.03
(4.57
± 0.76)
0.033
(0.84)
NOM
SEATING
PLANE
0.39 (9.91)
MAX
0.25
(6.35)
0.31
(7.87)
8
14
5
PIN 1
0.011
± 0.003
(4.57
± 0.76)
0° - 15°
0.30 (7.62)
REF
8-Lead SOIC
(SO-8)
0.1968 (5.00)
0.1890 (4.80)
8
5
4
1
0.2440 (6.20)
0.2284 (5.80)
PIN 1
0.1574 (4.00)
0.1497 (3.80)
0.0688 (1.75)
0.0532 (1.35)
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.0500
(1.27)
BSC
0.0098 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
8°
0°
0.0196 (0.50)
0.0099 (0.25)
x 45°
8-Lead MicroSOIC
(RM-8)
85
4
1
0.122 (3.10)
0.114 (2.90)
0.199 (5.05)
0.187 (4.75)
PIN 1
0.0256 (0.65) BSC
0.122 (3.10)
0.114 (2.90)
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.018 (0.46)
0.008 (0.20)
0.043 (1.09)
0.027 (0.68)
0.120 (3.05)
0.112 (2.84)
0.011 (0.28)
0.003 (0.08)
0.027 (0.68)
0.015 (0.38)
33°
27°
0.120 (3.05)
0.112 (2.84)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com