Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS15FL Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # FS15FL
Description  Fast switching for high efficiency
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

FS15FL Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  FS15FL Datasheet HTML 1Page - DIOTEC Electronics Corporation FS15FL Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FS11FL THRU FS17FL
SURFACE MOUNT FAST RECOVERY RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.0 Ampere
Characteristic
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Fast switching for high efficiency
Low reverse leakage
Built-in strain relief,ideal for automated placement
High forward surge current capability
High temperature soldering guaranteed:
250 C/10 seconds at terminals
FEATURES
Note:1.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A
2.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
3.P.C.B. mounted with 3.0x3.0mm copper pad areas
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
V
V
V
SYMBOLS
UNITS
A
A
V
VRRM
VRMS
VDC
I(AV)
IFSM
VF
1.4
30.0
1.15
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current at
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at
Maximum DC reverse current
TA=25
at rated DC blocking voltage
TA=55
IR
5.0
50.0
CJ
TJ,TSTG
50.0
9
-55 to +150
pF
Typical thermal resistance (NOTE 3)
/W
Typical junction capacitance (NOTE 2)
Maximum reverse recovery time
(NOTE 1)
trr
150
250
500
ns
FS11FL FS12FL FS13FL FS14FL FS15FL FS16FL FS17FL
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
●
●
●
●
●
●
●
R JA
µA
C
C
C
C
Marking code
F1
F2
F3
F4
F5
F6
F7
Ttp 5
6
=
O
C
TA 45
=
O
C
O
C
TJ 45
=
0.5
1.0
MECHANICAL DATA
● Case: SOD-123FL, Molded Plastic
● Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
● Polarity: Cathode Band
● Weight: 0.017 grams
SOD-123FL
Dimensions in inches and (millimeters)
2.8 0.1
Cathode Band
Top View
3.7 0.2
0.6 0.25
0.7A
1.0A
1.30


Similar Part No. - FS15FL

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
FS15FL DIOTECH-FS15FL Datasheet
600Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
More results

Similar Description - FS15FL

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
1F1 DEC-1F1 Datasheet
961Kb / 2P
Fast switching for high efficiency
1N4933 DEC-1N4933_10 Datasheet
891Kb / 2P
Fast switching for high efficiency
FR301 DEC-FR301 Datasheet
665Kb / 2P
Fast switching for high efficiency
FR101 DEC-FR101 Datasheet
670Kb / 2P
Fast switching for high efficiency
FR151 DEC-FR151 Datasheet
665Kb / 2P
Fast switching for high efficiency
FR1001 DEC-FR1001 Datasheet
670Kb / 2P
Fast switching for high efficiency
RS2A DEC-RS2A Datasheet
672Kb / 2P
Fast switching for high efficiency
logo
Surge Components
1N4933G-1N4937G SURGE-1N4933G-1N4937G Datasheet
1Mb / 2P
Fast switching for high efficiency
logo
Mospec Semiconductor
FR151 MOSPEC-FR151 Datasheet
211Kb / 3P
Fast switching for high efficiency
logo
Sangdest Microelectroni...
RS12AL SMC-RS12AL Datasheet
117Kb / 5P
Fast switching for high efficiency
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com