Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRM113 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PRM113
Description  The RM024 is the first new module in Laird?셲 rebranded RAMP (Range Amplified MultiPoint) line of modules.
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PRM113 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PRM113 Datasheet HTML 1Page - List of Unclassifed Manufacturers PRM113 Datasheet HTML 2Page - List of Unclassifed Manufacturers PRM113 Datasheet HTML 3Page - List of Unclassifed Manufacturers PRM113 Datasheet HTML 4Page - List of Unclassifed Manufacturers PRM113 Datasheet HTML 5Page - List of Unclassifed Manufacturers PRM113 Datasheet HTML 6Page - List of Unclassifed Manufacturers PRM113 Datasheet HTML 7Page - List of Unclassifed Manufacturers PRM113 Datasheet HTML 8Page - List of Unclassifed Manufacturers PRM113 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TRANSITIONING FROM LT2510 TO RM024
Integration Guide
Americas: +1-800-492-2320 Option 3
Europe: +44-1628-858-940
Hong Kong: +852-2268-6567 x026
www.lairdtech.com/wireless
2
Laird Technologies
SPECIFICATIONS
Detailed Specifications
General
LT2510
RM024
Form Factor
SMD-ANT, SMD-U.FL, Pluggable-
ANT, Pluggable-U.FL
SMD-U.FL, Pluggable-U.FL, SMD-
ANT+U.FL, Pluggable-ANT+U.FL
Antenna
Integrated chip antenna or
external antenna through U.FL
connector
external antenna through U.FL
connector or both U.FL and
Integrated Chip Antenna
Transceiver
Output Power
Conducted2
FCC: +11 to +21dBm selectable
CE: +8 to +17dBm selectable
FCC: +5 to +21dBm selectable
CE: +3.5 to +17dBm selectable
Supply Voltage
3.3V – 3.6V ± 50mV ripple
2.3 – 3.6V ± 50mV ripple
Current Draw
100% Tx
190 mA
85 mA
1/8 Tx
(when
selected)
40mA
40 mA
100% Rx
40 mA
40 mA
Rx average
(idle current)
10 mA
10 mA
Deep sleep
50 µA
50 µA
100% Tx
166 mA
85 mA
1/8 Tx
(when selected)
40mA
40 mA
100% Rx
36 mA
36 mA
Rx average
(idle current)
9.5 mA
11.6 mA
Deep sleep3
50 µA
50 µA
Receiver
Sensitivity (1%
PER)
-95 dBm at 280 kbps RF Data
Rate4
-94 dBm at 500 kbps RF Data Rate
-95 dBm at 280 kbps RF Data Rate
-94 dBm at 500 kbps RF Data Rate
Range
(based on
external 2.5dBi
antenna at
280kbps RF Data
Rate)5
Outdoor
(line-of-
sight)
Indoor
(estimated)
FCC 2.5 miles
(4 km)
1300 ft
(400 m)
CE
1.5 miles
(2.4 km)
790 ft
(240 m)
Outdoor
(line-of-sight)
Indoor
(estimated)
FCC
2.5 miles
(4 km)
1300 ft
(400 m)
CE
1.5 miles
(2.4 km)
790 ft
(240 m)
Physical6
SMD-ANT and
SMD-Both
Dimensions
1.0” x 1.54” x 0.14”
(25.4 mm x 39 mm x 3.6 mm)
1.0” x 1.54” x 0.14”
(25.4 mm x 39 mm x 3.6 mm)
SMD-U.FL
Dimensions
1.0” x 1.28” x 0.14”
(25.4 mm x 32.4 mm x 3.6 mm)
1.0” x 1.28” x 0.14”
(25.4 mm x 32.4 mm x 3.6 mm)
Pluggable-ANT
and Pluggable-
Both Dimensions
0.96” x 1.42” x 0.406”
(24.3 mm x 36 mm x 10.3 mm)
1.05” x 1.56” x 0.44”
(26.7 mm x 39.6 mm x 11.3 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com