Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3950 Datasheet(PDF) 1 Page - ebm-papst

Part # 3950
Description  AC axial compact fan
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

3950 Datasheet(HTML) 1 Page - ebm-papst

  3950 Datasheet HTML 1Page - ebm-papst 3950 Datasheet HTML 2Page - ebm-papst 3950 Datasheet HTML 3Page - ebm-papst 3950 Datasheet HTML 4Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AC axial compact fan
3950
ebm-papst St. Georgen GmbH & Co. KG
Hermann-Papst-Straße 1
D-78112 St. Georgen
Phone +49 7724 81-0
Fax +49 7724 81-1309
info2@de.ebmpapst.com
www.ebmpapst.com
Nominal data
Type
3950
Phase
1~
Nominal voltage
VAC
230
Frequency
Hz
50
Speed
min-1
2650
Power input
W
11.0
Min. ambient temperature
°C
-20
Max. ambient temperature
°C
80
Air flow
m3/h
59
Sound power level
B
4.7
Sound pressure level
dB(A)
35
ml = max. load · me = max. efficiency · fa = running at free air · cs = customer specs · cu = customer unit
Subject to alterations
Web data sheet XI · Page 1 of 4
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Straße 1 · D-78112 St. Georgen · Phone +49 7724 81-0 · Fax +49 7724 81-1309 · info2@de.ebmpapst.com · www.ebmpapst.com


Similar Part No. - 3950

ManufacturerPart #DatasheetDescription
logo
ebm-papst
3950 EBMPAPST-3950 Datasheet
358Kb / 1P
TUBEAXIAL
logo
Adafruit Industries
3950 ADAFRUIT-3950 Datasheet
436Kb / 3P
JST PH 4-Pin to Female Socket Cable - I2C STEMMA Cable - 200mm
logo
Molex Electronics Ltd.
39500-0002 MOLEX11-39500-0002 Datasheet
40Kb / 1P
3.50mm Pitch Eurostyle Horizontal Plug, 2 Circuits
39500-0003 MOLEX11-39500-0003 Datasheet
40Kb / 1P
3.50mm Pitch Eurostyle Horizontal Plug, 3 Circuits
39500-0004 MOLEX11-39500-0004 Datasheet
40Kb / 1P
3.50mm Pitch Eurostyle Horizontal Plug, 4 Circuits
More results

Similar Description - 3950

ManufacturerPart #DatasheetDescription
logo
ebm-papst
AC6100NM EBMPAPST-AC6100NM_11 Datasheet
100Kb / 3P
AC axial compact fan
logo
Molex Electronics Ltd.
AC3200JH MOLEX10-AC3200JH Datasheet
174Kb / 4P
AC axial compact fan
logo
ebm-papst
4550N EBMPAPST-4550N Datasheet
296Kb / 4P
AC axial compact fan
4580Z EBMPAPST-4580Z Datasheet
285Kb / 4P
AC axial compact fan
4586Z EBMPAPST-4586Z Datasheet
285Kb / 4P
AC axial compact fan
4600TA EBMPAPST-4600TA Datasheet
209Kb / 3P
AC axial compact fan
4606N EBMPAPST-4606N Datasheet
296Kb / 4P
AC axial compact fan
4650N EBMPAPST-4650N Datasheet
296Kb / 4P
AC axial compact fan
5606S EBMPAPST-5606S Datasheet
287Kb / 4P
AC axial compact fan
5900 EBMPAPST-5900 Datasheet
293Kb / 4P
AC axial compact fan
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com