Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC09104F Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # RC09104F
Description  Thick Film Resistor Networks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

RC09104F Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  RC09104F Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION RC09104F Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 
 
 
Rev. 7
 
Thick Film Resistor Networks
R Series
(Single-in-Line, Low Profile )
 
 
 
Mechanical Characteristics 
 
 
Electrical Characteristics 
 
Item
Requirement
Test Methods
Temperature Coefficient (ppm / °C)
R<50
Ω , ±250 PPM/ºC
50
Ω≤R<2.2MΩ , ±100PPM/ºC
R
≥2.2MΩ , ±250PPM/ºC
TCR (PPM/°C)=
X
T1= 25ºC
T2= Test Temperature (-55°C ~ +125ºC)
R1: Resistance at Temp. T1
R2: Resistance at Temp. T2
Short-Time Overload
∆R ≤ ± (0.5% + 0.05Ω)
2.5X Rated Voltage for 5 Sec. (200V max.)
Measure resistance after 30 minutes.
 
 
 
Item
Requirement
Test Methods
Resistance to soldering heat
∆R ≤ ± (0.5% + 0.05Ω)
With 350±5ºC , for 3 seconds
Solderability
Over 95% of termination must be
covered with new solder.
After immersing flus, dip in the 260ºC
Max. solder bath for 3±0.5 sec.
Terminal Strength (Tensile Strength)
∆R ≤ ± (0.5% + 0.05Ω)
No mechanical damage.
Tensile: 1Kg for 30 Sec.
Bending: 500g for 2 times
Exterior
No mechanical defect.
Visual
Size
Within specification
Calipers



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com