Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5490 Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS5490
Description  Two Channel Energy Measurement IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS5490 Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS5490 Datasheet HTML 37Page - Cirrus Logic CS5490 Datasheet HTML 38Page - Cirrus Logic CS5490 Datasheet HTML 39Page - Cirrus Logic CS5490 Datasheet HTML 40Page - Cirrus Logic CS5490 Datasheet HTML 41Page - Cirrus Logic CS5490 Datasheet HTML 42Page - Cirrus Logic CS5490 Datasheet HTML 43Page - Cirrus Logic CS5490 Datasheet HTML 44Page - Cirrus Logic CS5490 Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
CS5490
DS982F2
41
6.6.17 No Load Threshold (LoadMIN) – Page 16, Address 58
Default = 0x00 0000
LoadMIN is used to set the no-load threshold for the anti-creep function.
When the magnitudes of PSUM and QSUM are less than LoadMIN, PSUM and QSUM are forced to zero. When
the magnitude of SSUM is less than LoadMIN, SSUM is forced to zero.
LoadMIN is a two’s complement value in the range of -1.0  value  1.0, with the binary point to the right of the
MSB. Negative values are not used.
6.6.18 Sample Count (SampleCount) – Page 16, Address 51
Default = 0x00 0FA0 (4000)
Determines the number of output word rate (OWR) samples to use in calculating low-rate results.
SampleCount (N) is an integer in the range of 100 to 8,388,607. Values less than 100 should not be used.
6.6.19 Cycle Count (CycleCount) – Page 18, Address 62
Default = 0x00 0064 (100)
Determines the number of half-line cycles to use in calculating low-rate results when the CS5490 is in Line-cy-
cle Synchronized Averaging mode.
CycleCount is an integer in the range of 1 to 8,388,607. Zero should not be used.
6.6.20 Filter Settling Time for Conversion Startup (TSETTLE) – Page 16, Address 57
Default = 0x00 001E (30)
Sets the number of output word rate (OWR) samples that will be used to allow filters to settle at the beginning
of Conversion and Calibration commands.
This is an integer in the range of 0 to 16,777,215 samples.
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
0
222
221
220
219
218
217
216
.....
26
25
24
23
22
21
20
MSB
LSB
0
222
221
220
219
218
217
216
.....
26
25
24
23
22
21
20
MSB
LSB
223
222
221
220
219
218
217
216
.....
26
25
24
23
22
21
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com