| Electronic Components Datasheet Search |
|
CS1630-FSZ Datasheet(PDF) 30 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS1630-FSZ Datasheet(HTML) 30 Page - Cirrus Logic |
|
30 / 56 page ![]() CS1630/31 30 DS954F2 6.5 Color Polynomial Coefficient (Q3, Q2, Q1, Q0) – Address 25 - 32 Coefficients of the color polynomial used to calculate the gain (GAINDR) that controls the current in the white LED channel based on the current dim level. The value is a two's complement number in the range of -8.0 value<8.0, with the binary point to the right of bit 12. Coefficients Q3, Q2, Q1, and Q0 are distributed in the gain polynomial: where, D = the normalized dim value and is 0<D<1.0 GAINDR = gain of the channel based on the dim value. The polynomial coefficients should be selected such that the computed GAINDR is always a positive number such that 0<GAINDR<4. Color Polynomial Coefficients, Qxx, are 16-bits in length where Qxx - MSB is the most significant byte and Qxx-LSB is the least significant byte. 6.6 Gate Drive Duration (GD_DUR) – Address 33 GD_DUR sets the maximum gate drive duration for the second stage (flyback, buck, or tapped buck). The reg- ister value is an unsigned integer in the range of 0 value255. The maximum gate drive duration is determined by: The maximum gate drive duration can be configured from 350ns to 102.35 s. MSB 14 13 12 11 10 987654321 LSB -(23)22 21 20 2-1 2-2 2-3 2-4 2-5 2-6 2-7 2-8 2-9 2-10 2-11 2-12 7 654 32 10 27 26 25 24 23 22 21 20 GAINDR Q 3 = D 3 Q2 D 2 Q1 D Q0 ++ + GD_DUR 8 7 + 50 ns |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |