Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDO4K-RACK Datasheet(PDF) 10 Page - Teledyne Technologies Incorporated

Part # HDO4K-RACK
Description  High Definition Oscilloscopes
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

HDO4K-RACK Datasheet(HTML) 10 Page - Teledyne Technologies Incorporated

Back Button HDO4K-RACK Datasheet HTML 6Page - Teledyne Technologies Incorporated HDO4K-RACK Datasheet HTML 7Page - Teledyne Technologies Incorporated HDO4K-RACK Datasheet HTML 8Page - Teledyne Technologies Incorporated HDO4K-RACK Datasheet HTML 9Page - Teledyne Technologies Incorporated HDO4K-RACK Datasheet HTML 10Page - Teledyne Technologies Incorporated HDO4K-RACK Datasheet HTML 11Page - Teledyne Technologies Incorporated HDO4K-RACK Datasheet HTML 12Page - Teledyne Technologies Incorporated HDO4K-RACK Datasheet HTML 13Page - Teledyne Technologies Incorporated HDO4K-RACK Datasheet HTML 14Page - Teledyne Technologies Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
SPeCTRUM ANALyzeR MODe
Simplify Analysis of FFT Power Spectrum
Get better insight to the frequency content of any signal with use of the
Spectrum Analyzer mode on the HDO4000. This mode provides a spectrum
analyzer style user interface with controls for start/stop frequency or center
frequency and span. The resolution bandwidth is automatically set for best
analysis or can be manually selected. Vertical Scale can be selected as dBm,
dBV, dBmV, dBuV, Vrms or Arms for proper viewing and analysis while the
unique peak search automatically labels spectral components and presents
frequency and level in an interactive table. Utilize up to 20 markers to
automatically identify harmonics and quickly analyze frequency content by
making measurements between reference and delta markers. To monitor
how the spectrum changes over time, view the spectrogram which can
display a 2D or 3D history of the fequency content.
Spectrum analyzer style controls simplify waveform analysis in the frequency domain.
Key Features
Spectrum analyzer style controls
for the oscilloscope
Select from six vertical scales
Automatically identify frequency
peaks
Display up to 20 markers, with
interactive table readout of
frequencies and levels
easily make measurements with
reference and delta markers
Automatically identify and
mark fundamental frequency
and harmonics
Spectrogram shows how spectra
changes over time in 2D or
3D views



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com