Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVALSPEAR310 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EVALSPEAR310
Description  Evaluation board for SPEAr310 embedded MPU
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVALSPEAR310 Datasheet(HTML) 1 Page - STMicroelectronics

  EVALSPEAR310 Datasheet HTML 1Page - STMicroelectronics EVALSPEAR310 Datasheet HTML 2Page - STMicroelectronics EVALSPEAR310 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
September 2010
Doc ID 18018 Rev 1
1/3
3
EVALSPEAr310
Evaluation board for SPEAr310 embedded MPU
Features
SPEAr310 embedded MPU
Up to 2 Gbits DDR 2333 MHz (std 128 Mbytes)
Up to 1.5 Gbytes parallel NOR Flash (std 16
Mbytes)
Up to 16 Mbytes serial NOR Flash memory (std
64 Mbytes)
Up to 2 Gbits NAND Flash memory (std 64
Mbytes)
4 Kb Serial I2C EEPROM
4 Mb SPI Flash memory
Two USB 2.0 full Host port channels
One USB 2.0 high speed Device
One 10/100 Ethernet port based on MII PHY
Four 10/100 Ethernet port based on SMII PHY
One E1, 2x BNC/RJ48(2.048 Mbits)
Two HDLC RS485 DB9 ports (up to 4 MHz)
One HDLC-TDM port (8 Mb, 128 TS)
Six serial ports (up to 115 kbaud)
8 ADC channels (10-bit, 1 Msamples)
6 GPIOs
JTAG debug port
Description
The EVALSPEAr310 evaluation board allows you
to quickly evaluate and debug software for the
SPEAr310. It acts as a learning tool to rapidly get
familiar with the SPEAr310 features and provides
a starting point for the development of the final
application board. It is equipped with most of the
interfaces offered by the SPEAr310. The board is
equipped with one MII Ethernet port, four SMII
Ethernet ports, six RS232 ports, two HDLC based
RS485 ports and one E1/TDM port. Memory
devices included are NAND Flash, parallel NOR
Flash, serial NOR Flash, and I²C EEPROM.
Figure 1.
EVALSPEAr310 evaluation board
www.st.com


Similar Part No. - EVALSPEAR310

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVALSPEAR320HMI STMICROELECTRONICS-EVALSPEAR320HMI Datasheet
149Kb / 3P
EVALSPEAr320HMI SPEAr320 expansion board for HMI applications
12-Apr-2011
EVALSPEAR320PLC STMICROELECTRONICS-EVALSPEAR320PLC Datasheet
195Kb / 3P
Evaluation board for SPEAr320 embedded MPU
20-Sep-2010
More results

Similar Description - EVALSPEAR310

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM9G45 ATMEL-SAM9G45 Datasheet
1Mb / 55P
ARM-based Embedded MPU
SAM9G46 ATMEL-SAM9G46 Datasheet
1Mb / 58P
AT91SAM ARM-based Embedded MPU
logo
STMicroelectronics
EVALSPEAR320PLC STMICROELECTRONICS-EVALSPEAR320PLC Datasheet
195Kb / 3P
Evaluation board for SPEAr320 embedded MPU
20-Sep-2010
EVALSPEAR600 STMICROELECTRONICS-EVALSPEAR600 Datasheet
155Kb / 3P
Evaluation board for SPEAr600 embedded MPU
20-Sep-2010
logo
List of Unclassifed Man...
MPU-3000 ETC2-MPU-3000 Datasheet
533Kb / 13P
MPU-3000 & MPU-3050 3-Axis Evaluation Board User Guide Revision 2.0
logo
ATMEL Corporation
SAM9G15 ATMEL-SAM9G15_14 Datasheet
5Mb / 1215P
ARM-based Embedded MPU
SAM9G35 ATMEL-SAM9G35_14 Datasheet
5Mb / 1293P
ARM-based Embedded MPU
SAMA5D3 ATMEL-SAMA5D3_14 Datasheet
7Mb / 1840P
ARM-based Embedded MPU
logo
STMicroelectronics
UM0843 STMICROELECTRONICS-UM0843 Datasheet
871Kb / 48P
EVALSPEAr310 - evaluation board for the SPEAr310
25-Feb-2010
logo
Microchip Technology
KSZ9477 MICROCHIP-KSZ9477 Datasheet
36Kb / 1P
KSZ9477 Managed Switch Evaluation board with SAMA5D36 MPU
3/29/2017
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com