Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS745 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS745
Description  Power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS745 Datasheet(HTML) 2 Page - STMicroelectronics

  STPS745_07 Datasheet HTML 1Page - STMicroelectronics STPS745_07 Datasheet HTML 2Page - STMicroelectronics STPS745_07 Datasheet HTML 3Page - STMicroelectronics STPS745_07 Datasheet HTML 4Page - STMicroelectronics STPS745_07 Datasheet HTML 5Page - STMicroelectronics STPS745_07 Datasheet HTML 6Page - STMicroelectronics STPS745_07 Datasheet HTML 7Page - STMicroelectronics STPS745_07 Datasheet HTML 8Page - STMicroelectronics STPS745_07 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
STPS745
2/9
1
Characteristics
’
To evaluate the conduction losses use the following equation:
P = 0.42 x IF(AV) + 0.020 IF
2
(RMS)
Table 1.
Absolute Ratings (limiting values)
Symbo
l
Parameter
Value
Unit
VRRM Repetitive peak reverse voltage
45
V
IF(RMS) RMS forward voltage
20
A
IF(AV)
Average forward current
δ = 0.5
TO-220AC /
D2PAK
Tc = 160° C
7.5
A
TO-220FPAC
Tc = 145° C
IFSM
Surge non repetitive forward current
tp = 10 ms Sinusoidal
150
A
IRRM
Repetitive peak reverse current
tp = 2 µs square F = 1 kHz
1
A
IRSM
Non repetitive peak reverse current
tp = 100 µs square
2
A
PARM
Repetitive peak avalanche power
tp = 1 µs Tj = 25° C
2700
W
Tstg
Storage temperature range
-65 to +
175
°C
Tj
Maximum operating junction temperature (1)
1.
thermal runaway condition for a diode on its own heatsink
175
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/µs
Table 2.
Thermal resistances
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction to case
TO-220AC / D2PAK
3.0
°C/W
TO-220FPAC
5.5
Table 3.
Static electrical characteristics (per diode)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IR
(1)
1.
Pulse test: tp = 380 µs,
δ < 2%
Reverse leakage current
Tj = 25° C
VR = VRRM
100
µA
Tj = 125° C
5
15
mA
VF
(1)
Forward voltage drop
Tj = 125° C
IF = 7.5 A
0.5
0.57
V
Tj = 25° C
IF = 15 A
0.84
Tj = 125° C
IF = 15 A
0.65
0.72
dPtot
dTj
---------------
1
Rth j
a
–
()
--------------------------
<



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com