| Electronic Components Datasheet Search |
|
SSL2129AT Datasheet(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SSL2129AT Datasheet(HTML) 8 Page - NXP Semiconductors |
|
8 / 21 page ![]() SSL2129AT All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 2 — 23 October 2012 8 of 21 NXP Semiconductors SSL2129AT Dimmable LED controller IC In buck mode, the rate of current rise in the coil during the on-phase is proportional to the difference between input voltage and output voltage. Therefore, the peak current cannot be reached before ton(high) and as a result the average output current to the LEDs is reduced. 8.6 ton control The ton(high) can be lowered by connecting a capacitor to the TONMOD pin. The external capacitor is charged during the primary stroke with ITONMOD. If the VTONMOD level is reached before the ton(high) time, the switch is turned off and the secondary stroke starts. When a capacitor is not connected to the pin, VTONMOD is reached quickly. Shorter than the minimum limit of 1 s. In this case or when the TONMOD pin is grounded, the internal time constant, ton(high) determines the maximum on-time. This function is used to control the converter operation over the mains cycle which enables the design of a mains dimmable driver. 8.7 VCC supply The SSL2129AT can be supplied using three methods: • Under normal operation, the voltage swing on the DRAIN pin is rectified using external components providing current towards the VCC pin • At start-up, there is an internal current source connected to the HV pin. The current source provides internal power until an external current on the VCC pin provides the supply. • Using an auxiliary winding, the voltage can be rectified and connected to the VCC pin. The IC starts up when the voltage at the VCC pin is higher than VCC(startup). The IC locks out (stops switching) when the voltage at the VCC pin is lower than VCC(stop). The hysteresis between the start and stop levels allows the IC to be supplied by a buffer capacitor until the external supply is settled. The SSL2129AT has an internal VCC clamp, which is an internal active Zener (or shunt regulator). This internal active Zener limits the voltage on the supply VCC pin to the maximum value of VCC. If the maximum current of the supply minus the current consumption of the IC (determined by the load on the gate drivers), is lower than the maximum value of IDD no external Zener diode is needed in the supply circuit. 8.7.1 VCC regulator During supply dips, the input voltage can drop too low to supply the required IC current. Under these conditions, if the VCC voltage drops lower than VCC(swon)reg level, a second regulator is started. Its function is to fill in the required supply current which the external supply does not deliver. It prevents the IC going into UVLO. When the VCC voltage is higher than VCC(swon)reg level, the regulator is turned off. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |