Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STA321MPL Datasheet(PDF) 41 Page - STMicroelectronics

Part # STA321MPL
Description  Scalable digital microphone processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STA321MPL Datasheet HTML 37Page - STMicroelectronics STA321MPL Datasheet HTML 38Page - STMicroelectronics STA321MPL Datasheet HTML 39Page - STMicroelectronics STA321MPL Datasheet HTML 40Page - STMicroelectronics STA321MPL Datasheet HTML 41Page - STMicroelectronics STA321MPL Datasheet HTML 42Page - STMicroelectronics STA321MPL Datasheet HTML 43Page - STMicroelectronics STA321MPL Datasheet HTML 44Page - STMicroelectronics STA321MPL Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 50 page
background image
STA321MP
Registers
Doc ID 022647 Rev 1
41/50
7.2.60
Coefficient write control register (0x4C)
Coefficients for EQ and Bass Management are handled internally in the STA321MP via
RAM. Access to this RAM is available to the user via an I2C register interface.
A collection of I2C registers are dedicated to this function. One contains a coefficient base
address, five sets of three store the values of the 24-bit coefficients to be written or that were
read, and one contains bits used to control the write of the coefficient(s) to RAM. The
following are instructions for reading and writing coefficients.
7.3
Reading a coefficient from RAM
1.
Write the top 2 bits of the address to I2C register 0x3B
2.
Write the bottom 8 bits of the address to I2C register 0x3C
3.
Read the top 8 bits of the coefficient from I2C address 0x3D
4.
Read the middle 8 bits of the coefficient from I2C address 0x3E
5.
Read the bottom 8 bits of the coefficient from I2C address 0x3F
7.4
Reading a set of coefficients from RAM
1.
Write the top 2 bits of the address to I2C register 0x3B
2.
Write the bottom 8 bits of the address to I2C register 0x3C
3.
Read the top 8 bits of the coefficient from I2C address 0x3D
4.
Read the middle 8 bits of the coefficient from I2C address 0x3E
5.
Read the bottom 8 bits of the coefficient from I2C address 0x3F
6.
Read the top 8 bits of coefficient b2 from I2C address 0x40
7.
Read the middle 8 bits of coefficient b2 from I2C address 0x41
8.
Read the bottom 8 bits of coefficient b2 from I2C address 0x42
9.
Read the top 8 bits of coefficient a1 from I2C address 0x43
10. Read the middle 8 bits of coefficient a1 from I2C address 0x44
11. Read the bottom 8 bits of coefficient a1 from I2C address 0x45
12. Read the top 8 bits of coefficient a2 from I2C address 0x46
13. Read the middle 8 bits of coefficient a2 from I2C address 0x47
14. Read the bottom 8 bits of coefficient a2 from I2C address 0x48
15. Read the top 8 bits of coefficient b0 from I2C address 0x49
16. Read the middle 8 bits of coefficient b0 from I2C address 0x4A
17. Read the bottom 8 bits of coefficient b0 from I2C address 0x4B
D7
D6
D5
D4
D3
D2
D1
D0
WA
W1
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com