Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE2341B Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE2341B
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2341B Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE2341B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE2341B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE2341B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2341B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2341B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE2341B Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ACE2341B
P-Channel Enhancement Mode Field Effect Transistor
VER 1.2
2
Electrical Characteristics
TA=25
OC unless otherwise noted
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
State
Drain-Source Breakdown Voltage
V(BR)DSS
VGS=0V, ID=-250uA
-20
V
Zero Gate Voltage Drain Current
IDSS
VDS=-16V, VGS=0V
-1
uA
Gate Leakage Current
IGSS
VGS=±12V, VDS=0V
±100
nA
Static Drain-Source On-Resistance
RDS(ON)
VGS=-4.5V, ID=-4.3A
55
65
mΩ
VGS=-2.5V, ID=-2.5A
70
85
VGS=-1.8V, ID=-2A
112
125
Gate Threshold Voltage
VGS(th)
VDS=VGS, ID=-250uA
-0.6
-0.81
-1.4
V
Forward Transconductance
gFS
VDS=-5V, ID=-4A
15
S
Drain Forward Voltage
VSD
IS=-1.7A,VGS=0V
-0.85
-1
V
Switching
Total Gate Charge
Qg
VDS=-10V, ID=-4.5A
VGS=-4.5V
8.92
11.6
nC
Gate-Source Charge
Qgs
1.8
2.34
Gate-Drain Charge
Qgd
2.04
2.65
Turn-On Delay Time
Td(on)
VDS=-10V,RL=10Ω
ID=-1A, RGEN=6Ω
VGS=-4.5V
16.08
32.16
ns
Turn-On Rise Time
tf
5.28
10.56
Turn-Off Delay Time
td(off)
37.6
75.2
Turn-Off Fall Time
tf
7.28
14.5
Dynamic
Input Capacitance
Ciss
VDS=-10V, VGS=0V
f=1MHz
800
960
pF
Output Capacitance
Coss
131
Reverse Transfer Capacitance
Crss
103
Note: 1. The value of RθJA is measured with the device mounted on 1in² FR-4 board with 2oz. Copper, in a still air environment
with TA=25°C. The value in any given application depends on the user's specific board design.
2. Repetitive rating, pulse width limited by junction temperature.
3. The current rating is based on the t
≤ 10s junction to ambient thermal resistance rating.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com