Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPM10 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STPM10 Datasheet HTML 32Page - STMicroelectronics STPM10 Datasheet HTML 33Page - STMicroelectronics STPM10 Datasheet HTML 34Page - STMicroelectronics STPM10 Datasheet HTML 35Page - STMicroelectronics STPM10 Datasheet HTML 36Page - STMicroelectronics STPM10 Datasheet HTML 37Page - STMicroelectronics STPM10 Datasheet HTML 38Page - STMicroelectronics STPM10 Datasheet HTML 39Page - STMicroelectronics STPM10 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
Theory of operation
STPM10
36/51
Doc ID 17728 Rev 3
7.22.1
Interfacing the standard 3-wire SPI with the STPM10 SPI
Due to the fact that a 2-wire SPI is implemented in the STPM10, it is clear that sending any
command from a standard 3-wire SPI would require a 3-wire to 2-wire interface, which
should produce a proper signal on SDA from host signals SDI, SDO and SYN. The need for
a single-gate 3-state buffer could be avoided through an emulation of SPI just to send some
commands. On a microcontroller this would be done by performing the following steps:
1. Disable the SPI module
2. Set the SDI pin, which is connected to SDA as an output
3. Activate SYN first, and then SCS
4. Apply a new bit value to SDI, and activate SCL
5. Deactivate SCL
6. Repeat the previous two steps seven times to complete a one byte transfer
7. Repeat the previous three steps for any remaining byte transfers
8. Set the SDI pin as an input
9. Deactivate SCS and SYN
10. Enable the SPI module
In case of a precharge command (0xFF), the emulation above is not necessary. Due to the
pull-up device on the SDA pin of the STPM10, the processor needs to perform the following
steps:
1. Activate SYN first in order to latch the results
2. After at least 1 µs, activate SCS
3. Write one byte to the transmitter of SPI (this produces 8 pulses on SCL with SDI=1)
4. Deactivate SYN
5. Optionally read the data records (the sequence of reading is altered)
6. Deactivate SCS
7.23
Energy calculation algorithm
Within the STPM10, the computing section of the measured active power uses a completely
new patented signal processing approach. This approach allows the device to reach high a
level of performance in terms of accuracy.
The signals, coming from the sensors, for the instantaneous voltage are calculated as
follows:
Equation 5
v(t) = V•sin
ωt
where V is the peak voltage and
ω is related to the line frequency.
The instantaneous current is calculated using:
Equation 6
i(t) = I • sin (
ωt + ϕ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com