Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZY16 Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # ZY16
Description  SILICON POWER ZENER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

ZY16 Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  ZY16 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd ZY16 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd ZY16 Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
10.4V-188V
2W
ZY11 THRU ZY200
2 of 3
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
Electrical Characteristics (cont.)
Notes:
1. Valid provided that leads are kept at ambient temperature at a distance of 10mm from case.
2. Tested with pulses tp = 20 ms.
Type
Number
Zener
Voltage (Note 2)
Test
Current
Maximum
Dynamic
Impedance
Temperature
Coefficient
Minimum
Reverse
Voltage
Maximum Zener
Current (Note 1)
VZ @IZT
IZT
ZZT @IZT
@IZT
VR @ IR = 1µA
IZM @ TA = 45°C
Volts
mA
Ohms
avz x10–4/°C
Volts
mA
ZY11
10.4 - 11.6
50
7
+5 ... +10
9.2
135
ZY12
11.4 - 12.7
50
7
+5 ... +10
10.0
120
ZY13
12.4 - 14.1
50
10
+5 ... +10
10.7
110
ZY15
13.8 - 15.8
50
10
+5 ... +10
12.0
98
ZY16
15.3 - 17.1
25
15
+6 ... +11
13.3
90
ZY18
16.8 - 19.1
25
15
+6 ... +11
14.7
80
ZY20
18.8 - 21.2
25
15
+6 ... +11
16.5
72
ZY22
20.8 - 23.3
25
15
+6 ... +11
18.3
66
ZY24
22.8 - 25.6
25
15
+6 ... +11
20.1
60
ZY27
25.1 - 28.9
25
15
+6 ... +11
22.5
53
ZY30
28 - 32
25
15
+6 ... +11
25.1
48
ZY33
31 - 35
25
15
+6 ... +11
27.8
44
ZY36
34 - 38
10
40
+6 ... +11
30.2
40
ZY39
37 - 41
10
40
+6 ... +11
32.9
37
ZY43
40 - 46
10
45
+7 ... +12
35.6
33
ZY47
44 - 50
10
45
+7 ... +12
39.2
30
ZY51
48 - 54
10
60
+7 ... +12
42.8
27
ZY56
52 - 60
10
60
+7 ... +12
47.3
25
ZY62
58 - 66
10
80
+8 ... +13
51.7
21
ZY68
64 - 72
10
80
+8 ... +13
57.1
20
ZY75
70 - 79
10
100
+8 ... +13
63.2
18
ZY82
77 - 88
10
100
+8 ... +13
68.6
16
ZY91
85 - 96
5
200
+9 ... +13
75.7
15
ZY100
94 - 106
5
200
+9 ... +13
83.7
13
ZY110
104 - 116
5
250
+9 ... +13
92.6
12
ZY120
114 - 127
5
250
+9 ... +13
101.6
11
ZY130
124 - 141
5
300
+9 ... +13
110.5
10
ZY150
138 - 156
5
300
+9 ... +13
123
9
ZY160
153 - 171
5
350
+9 ... +13
136
8.5
ZY180
168 - 191
5
350
+9 ... +13
149
8
ZY200
188 - 212
5
350
+9 ... +13
167
7.5
@Tj = 25°C unless noted
SILICON POWER ZENER DIODE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com