Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US2DA Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # US2DA
Description  Surface Mount Ultrafast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

US2DA Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  US2DA Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd US2DA Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50V-1000V
2.0A
US2AA
THRU
US2MA
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Mechanical Data
Surface Mount Ultrafast Rectifiers
·
·
·
·
·
·
·
Built-in strain relief,ideal for autom ated placem ent
Glass passivated chip junctions
Plastic package has underwriters laboratories
vflam mability classification 94V-0
For surface mount applications
High temperature soldering:
250
oC/10 seconds on terminals
Low forward voltage,low power loss
Low profile package
Easy pick and place
Ultrafast recovery times for high efficiency
·
·
Polarity: Color band denotes cathode end
Weight: 0.002 ounces, 0.064 gram
Case:JEDEC DO-214AC,molded plastic body over
passivated chip
Ratings at 25
oC ambient temperature unless otherwise specified
US2DA US2GA US2JA US2KA US2MA
Maximum repetitive peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum RMS voltage
VRWS
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
200
400
600
800
1000
V
Maximum average f orw ard rectified current
@T
L=90
OC
IF(AV)
A
Peak f orw ard surge current 8.3ms single half-
sine-w ave superimposed on rated load(JEDEC
Method)
IFSM
A
Maximum instantaneous forw ard voltage at 2A
VF
V
Maximum DC reverse current
@T
A=25
oC
at rated DC blockjing voltage
@T
A=100
oC
Maximum reverse recovery time at I
F=0.5A
I
R=1.0A Irr=0.25A
trr
ns
Typical junction capacitance at 4.0V,1MH
Z
CJ
pF
R JA
R JL
Operating temperature range
TJ
oC
Storage temperature range
TSTG
oC
-55--------+150
UNITS
50
100
35
70
50
100
US2AA
50
350
-55--------+150
10
50
18
IR
NOTE: 1.P.C.B.mounted on 0.2X0.2"(5.0X5.0mm)copper pad area
75
Device marking code
Maximum thermal resistance (NOTE1)
oC/W
30
50
50
1.0
1.7
2.0
US2BA


Similar Part No. - US2DA

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
US2DA SSE-US2DA Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
PACELEADER INDUSTRIAL
US2DA PACELEADER-US2DA Datasheet
158Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
logo
Shenzhen Luguang Electr...
US2DA LUGUANG-US2DA Datasheet
180Kb / 2P
Surface Mount Rectifiers
logo
Microdiode Semiconducto...
US2DA CHENDA-US2DA Datasheet
394Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Diode Semiconductor Kor...
US2DA DSK-US2DA Datasheet
93Kb / 2P
SURFACE MOUNT RECTIFIERS
More results

Similar Description - US2DA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MURA105 EIC-MURA105 Datasheet
43Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIERS
MURA160 EIC-MURA160 Datasheet
43Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIERS
logo
ON Semiconductor
MURS360BT3 ONSEMI-MURS360BT3 Datasheet
98Kb / 5P
Surface Mount Ultrafast Power Rectifiers
June, 2007 - Rev. 1
logo
Vishay Siliconix
UH1B VISHAY-UH1B Datasheet
106Kb / 5P
Surface Mount Ultrafast Rectifiers
12-Jun-08
logo
SynSemi, Inc.
MURA105 SYNSEMI-MURA105 Datasheet
39Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIERS
logo
Vishay Siliconix
MUH1PB VISHAY-MUH1PB Datasheet
94Kb / 4P
Surface Mount Ultrafast Rectifiers
19-Apr-11
logo
Shenzhen Taychipst Elec...
UH1A TAYCHIPST-UH1A Datasheet
3Mb / 2P
Surface Mount Ultrafast Rectifiers
logo
Yea Shin Technology Co....
U1A YEASHIN-U1A Datasheet
56Kb / 2P
Surface Mount Ultrafast Rectifiers
logo
Taiwan Semiconductor Co...
TPUH6D TSC-TPUH6D Datasheet
381Kb / 4P
Surface Mount Ultrafast Rectifiers
logo
Vishay Siliconix
MUH1PB VISHAY-MUH1PB_V01 Datasheet
94Kb / 4P
Surface Mount Ultrafast Rectifiers
19-Apr-11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com