Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR280 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # MBR280
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

MBR280 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  MBR280 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd MBR280 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
40V-200V
2.0A
MBR240 THRU MBR2200
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
MECHANICAL DATA
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound.
• Exceeds environmental standards of MIL-S-19500/228
• For use in low voltage,high frequency inverters ,free wheeling ,
and polarity protection applications.
• In compliance with EU RoHS 2002/95/EC directives
• Case: DO-15 Molded plastic
• Terminals: Axial leads, solderable per MIL-STD-750,Method 2026
• Polarity: Color band denotes cathode
• Mounting Position: Any
• Weight: 0.014 ounces, 0.397 grams
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
R
E
T
E
M
A
R
A
PL
O
B
M
Y
S
0
4
2
R
B
M5
4
2
R
B
M0
5
2
R
B
M0
6
2
R
B
M0
8
2
R
B
M0
9
2
R
B
M0
0
1
2
R
B
M0
5
1
2
R
B
M0
0
2
2
R
B
M
S
T
I
N
U
e
g
a
tl
o
V
e
s
r
e
v
e
R
k
a
e
P
t
n
e
r
r
u
c
e
R
m
u
m
i
x
a
MV
M
R
R
0
45
40
50
60
80
90
0
10
5
10
0
2V
e
g
a
tl
o
V
S
M
R
m
u
m
i
x
a
MV
S
M
R
8
25
.
1
35
32
46
53
60
75
0
10
4
1V
e
g
a
tl
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
MV
C
D
0
45
40
50
60
80
90
0
10
5
10
0
2V
t
n
e
r
r
u
C
d
e
if
it
c
e
R
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
)
1
g
if
e
e
s
(
h
t
g
n
e
l
d
a
e
l
)
m
m
5
.
9
(
"
5
7
3
.
I
)
V
A
(
F
0
.
2A
-
e
n
i
s
fl
a
h
e
l
g
n
i
s
s
m
3
.
8
:
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
e
v
a
w
I
M
S
F
0
5A
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
l
a
c
i
p
y
T)
2
e
t
o
N
(
eRθ
A
J
5
3
O
/
C
W
)
1
e
t
o
N
(
A
0
.
2
t
a
e
g
a
tl
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
MV
F
7
.
04
7
.
08
.
09
.
0V
T
t
a
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
J
5
2
=
O C
T
e
g
a
tl
o
V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
R
J
0
0
1
=
O C
I
R
5
0
.
0
0
2
A
m
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
it
c
n
u
J
g
n
it
a
r
e
p
OT
J T
,
G
T
S
0
5
1
+
o
t
5
5
-
5
7
1
+
o
t
5
6
-
O C
NOTES:
1.Pulse Test : 300µs pulse with , 1% Duty Cycle.
2Thermal resistance junction to lead P.C.B mounted 0.375”(9.5mm) lead length.
SCHOTTKY BARRIER RECTIFIERS


Similar Part No. - MBR280

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MBR280 PANJIT-MBR280 Datasheet
55Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Zibo Seno Electronic En...
MBR280 ZSELEC-MBR280 Datasheet
136Kb / 2P
2.0A SCHOTTKY BARRIER DIODE
logo
AiT Semiconductor Inc.
MBR280F AITSEMI-MBR280F Datasheet
476Kb / 6P
SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 2.0A
REV1.2
MBR280F AITSEMI-MBR280F Datasheet
476Kb / 6P
SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 2.0A
REV1.2
MBR280F AITSEMI-MBR280F Datasheet
476Kb / 6P
SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 2.0A
REV1.2
More results

Similar Description - MBR280

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com