Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR408A104FART Datasheet(PDF) 13 Page - AVX Corporation

Part # SR408A104FART
Description  Radial Leads/SkyCap짰/SR Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR408A104FART Datasheet(HTML) 13 Page - AVX Corporation

Back Button SR408A104FART Datasheet HTML 6Page - AVX Corporation SR408A104FART Datasheet HTML 7Page - AVX Corporation SR408A104FART Datasheet HTML 8Page - AVX Corporation SR408A104FART Datasheet HTML 9Page - AVX Corporation SR408A104FART Datasheet HTML 10Page - AVX Corporation SR408A104FART Datasheet HTML 11Page - AVX Corporation SR408A104FART Datasheet HTML 12Page - AVX Corporation SR408A104FART Datasheet HTML 13Page - AVX Corporation SR408A104FART Datasheet HTML 14Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
27
SkyCap
®
Configurations by Lead Spacing
LEAD SPACING .100 ±.030
Dimensions: Inches (Millimeters)
AR07/SR07*
AR14/SR14
AR15/SR15*
AR20/SR20*
(T=.100)
(T=.100)
(T=.100)
(T=.125)
AR29/SR29*
AR62/SR62*
SR62-LP*
(T=.125)
(T=.125)
(T=.100)
LEAD SPACING .200 ±.030
Dimensions: Inches (Millimeters)
AR12/SR12*
SR13*
AR21/SR21*
SR21-85*
SR28*
(T=.100)
(T=.125)
(T=.125)
(T=.125)
(T=.125)
AR30/SR30*
SR30-LP*
AR32/SR32*
AR40/SR40*
AR59/SR59*
(T=.150)
(T=.150)
(T=.150)
(T=.150)
(T=.125)
SR61
SR63*
SR64*
SR64-LP*
AR65/SR65*
(T=.150)
(T=.150)
(T=.150)
(T=.150)
(T=.150)
.250 (6.35) Max.
Meniscus Free
.031 (.787) Above
Seating Plane
.200 (5.08) Max.
1.0 (25.4) Min.
.200 (5.08)
±.030
.200 (5.08) Max.
.300 (7.62)
Max.
.100 (2.54)
±.030
.230 (5.84)
±.030
Meniscus Free
.031 (.787) Above
Seating Plane
.150 (3.81) Max.
.150 (3.81) Max.
1.0 (25.4) Min.
.100 (2.54)
±.030
.060 (1.52)
Max.
.150 (3.81) Max.
.250 (6.35)
Max.
1.0 (25.4) Min.
.100 (2.54)
±.030
.050 (1.27)
Clean Above
Seating Plane
.200 (5.08) Max.
.200 (5.08) Max.
1.0 (25.4) Min.
.100 (2.54)
±.030
.060 (1.52)
Max.
.150 (3.81) Max.
.230 (5.84) Max.
.150 (3.81)
Max.
1.0 (25.4) Min.
.200 (5.08)
±.030
.200 (5.08) Max.
.350 (8.89) Max.
1.0 (25.4) Min.
.200 (5.08)
±.030
Meniscus Free
.031 (.787) Above
Seating Plane
.200 (5.08) Max.
.300 (7.62) Max.
1.0 (25.4) Min.
.200 (5.08)
±.030
.031 (.787)
Clean
Above Seat
Meniscus Free
.031 (.787) Above
Seating Plane
.200 (5.08) Max.
.200 (5.08) Max.
.300 (7.62) Max.
1.0 (25.4) Min.
.200 (5.08)
±.030
.137/.196
(3.48/4.98)
1.0 (25.4) Min.
.300 (7.62) Max.
.500 (12.7) Max.
.200 (5.08)
±.030
.300 (7.62)
Max.
.500 (12.7)
Max.
1.00 (25.4) Min.
.200 (5.08)
±.031
a
a = .009
±.002
(.229
±.051)
0.040
(1.02)
Min.
.268 (6.81)
Max.
.330 (8.38)
Max.
1.0 (25.4) Min.
.200 (5.08)
±.030
a
0.04
(1.02)
.400 (10.16) Max.
1.0 (25.4) Min.
.300 (7.62)
Max.
.300 (7.62)
Max.
.200 (5.08)
±.030
.300 (7.62) Max.
.300 (7.62) Max.
1.0 (25.4) Min.
.200 (5.08)
±.030
.060 (1.52)
Max.
.225
(5.71)
MAX.
.200 (5.08)
±.030
.059 (1.5)
Max.
.300
(7.62)
MAX.
1.0
(25.4)
Min.
.390 (9.91) Max.
Meniscus Free
.031 (.787) Above
Seating Plane
.300 (7.62) Max.
1.0 (25.4) Min.
.200 (5.08)
±.030
.400 (10.16) Max.
.400 (10.16) Max.
1.0 (25.4) Min.
.200 (5.08)
±.030
.060 (1.52)
Max.
.200 (5.08) Max.
.300 (7.62) Max.
1.0 (25.4) Min.
.200 (5.08)
±.030
.031 (.787)
Clean
Above Seat
.300 (7.62) Max.
.500 (12.7) Max.
.200 (5.08)
±.030
.230 (5.84)
±.030
Meniscus Free
.031 (.787) Above
Seating Plane
.200 (5.08) Max.
.250 (6.35) Max.
1.0 (25.4) Min.
.100 (2.54)
±.030
Meniscus Free
.031 (.787) Above
Seating Plane
.210 (5.33)
Max.
.358 (9.09)
Max.
0.100
±.031
(2.54
±.787)
0.008
±0.002
(.203
±.051)
0.040 (1.016)Min.
.170 (4.32)
Max.
.271 (6.88)
Max.
1.0 (25.4) Min.
.100 (2.54)
±.030
a
0.04
(1.02)
Leads = #22 AWG
Leads = #22 AWG
Leads = #22 AWG
Leads = #22 AWG
*SL style available in all SR configurations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com