Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR409A104FART Datasheet(PDF) 12 Page - AVX Corporation

Part # SR409A104FART
Description  Radial Leads/SkyCap짰/SR Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR409A104FART Datasheet(HTML) 12 Page - AVX Corporation

Back Button SR409A104FART Datasheet HTML 6Page - AVX Corporation SR409A104FART Datasheet HTML 7Page - AVX Corporation SR409A104FART Datasheet HTML 8Page - AVX Corporation SR409A104FART Datasheet HTML 9Page - AVX Corporation SR409A104FART Datasheet HTML 10Page - AVX Corporation SR409A104FART Datasheet HTML 11Page - AVX Corporation SR409A104FART Datasheet HTML 12Page - AVX Corporation SR409A104FART Datasheet HTML 13Page - AVX Corporation SR409A104FART Datasheet HTML 14Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
26
Radial Leads/AR Series
X8R Dielectric
AVX Style
AR20
AR21
AVX “Insertable”
AR29
AR59
Width
5.08
5.08
(W)
(.200)
(.200)
Height
5.08
5.08
(H)
(.200)
(.200)
Thickness
3.175
3.175
(T)
(.125)
(.125)
Lead Spacing
2.54
5.08
(L.S.)
(.100)
(.200)
Lead Diameter
.508
.508
(L.D.)
(.020)
(.020)
Cap
Industry Preferred
WVDC
WVDC
in pF
Values in Blue
200 100 50
200 100
50
1,000
AR-----F102K4R
10,000
AR-----F103K4R
100,000
AR-----F104K4R
330,000
AR-----F334K4R
SIZE AND CAPACITANCE SPECIFICATIONS
EIA Characteristic
Dimensions: Millimeters (Inches)
Notes:
“Insertable” make reference to alternative AVX style using the same range of capacitance available on the matrix.
For others Styles, voltages, tolerance and lead lengths see Skycap catalog or contact factory.
Others capacitance values available upon special request.
Others styles available: AR14, AR62, AR89.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com