Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR307C104FART Datasheet(PDF) 14 Page - AVX Corporation

Part # SR307C104FART
Description  Radial Leads/SkyCap짰/SR Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR307C104FART Datasheet(HTML) 14 Page - AVX Corporation

Back Button SR307C104FART Datasheet HTML 6Page - AVX Corporation SR307C104FART Datasheet HTML 7Page - AVX Corporation SR307C104FART Datasheet HTML 8Page - AVX Corporation SR307C104FART Datasheet HTML 9Page - AVX Corporation SR307C104FART Datasheet HTML 10Page - AVX Corporation SR307C104FART Datasheet HTML 11Page - AVX Corporation SR307C104FART Datasheet HTML 12Page - AVX Corporation SR307C104FART Datasheet HTML 13Page - AVX Corporation SR307C104FART Datasheet HTML 14Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
28
SkyCap
®
Configurations by Lead Spacing
LEAD SPACING .200 ±.030 continued
Dimensions: Inches (Millimeters)
SR65-LP*
SR67
AR75/SR75*
AR89/SR89*
(T=.150)
(T=.125)
(T=.150)
(T=.125)
Leads = #22 AWG
LEAD SPACING .400 ±.030
SR50*
SR76*
(T=.200)
(T=.175)
LEAD SPACING .250 ±.030
Dimensions: Inches (Millimeters)
SR16
AR22/SR22
SR33
(T=.125)
(T=.125)
(T=.150)
.200 (5.08) Max.
.300 (7.62)
Max. Seated
Height
.200 (5.08)
±.030
.230 (5.84)
±.030
.031 (.787)
Seated
Plane
.031 (.787)
Min. Clean
Lead Above
Seat
.400 (10.16) Max.
.480 (12.2)
Max.
.400 (10.16)
Max.
1.0 (25.4) Min.
.200 (5.08)
±.030
Meniscus
Free .031
(7.87) Above
Seating Plane
.215 (5.46)
Max.
.260 (6.60)
Max.
1.00 (25.4) Min.
.200 (5.08)
±.031
0.025
±0.001
(.635
±.025)
0.040
(1.02)
Min.
a
a = .009
±.002
(.229
±.051)
.200 (5.08) Max.
.300 (7.62)
Max.
.250 (6.35)
±.030
.230 (5.84)
±.030
Meniscus Free
.031 (.787)
Above
Seating Plane
1.0 (25.4)
Min.
.200 (5.08) Max.
.300 (7.62)
Max.
.250 (6.35)
±.030
.390 (9.91) Max.
.400 (10.16)
Max.
.250 (6.35)
±.030
.230 (5.84)
±.030
LEAD SPACING .300 ±.030
SR27
SR34
(T=.150)
(T=.150)
.260 (6.60) Max.
.250 (6.35)
Max.
1.0 (25.4)
Min.
.300 (7.62)
±.030
Meniscus
Free .031
(.787)
Above
Seating
Plane
.300 (7.62) Max.
.350 (8.89)
Max.
1.0 (25.4)
Min.
.300 (7.62)
±.030
Meniscus
Free .031
(.787)
Above
Seating
Plane
LEAD SPACING .375 ±.030
AR38/SR38*
(T=.150)
.300 (7.62) Max.
.425 (10.8)
Max.
1.0 (25.4)
Min.
.375 (9.53)
±.030
Meniscus Free
.031 (.787)
Above
Seating Plane
.500 (12.7) Max.
.500 (12.7)
Max.
1.0 (25.4)
Min.
.400 (10.16)
±.030
.060 (1.52)
Max.
.500 (12.7)
Max.
.480 (12.2)
Max.
.440 (11.2)
Max.
1.0 (25.4)
Min.
.400 (10.16)
±.030
.025 (0.64)
±.004
.031 (.787)
Min.
Clean Lead
Above Seat
Seating Plane
NOTES: 1. All leads are #24 AWG unless otherwise noted.
2. Available in tape and reel packaging(*).
3. Other styles are also available, contact factory.
4. (T = XXX) under type designation is maximum thickness in inches.
Leads = #22 AWG
.300
(7.62)
MAX.
.350
(8.89)
MAX.
COATING
LIMIT
.200 (5.08)
±.030
1.0 (25.4)
Min.
Leads = #22 AWG
*SL style available in all SR configurations.
Drawings are for illustrative purposes only.
Actual lead form shape could vary within stated tolerances based on body size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com