| Electronic Components Datasheet Search |
|
TNETE100 Datasheet(PDF) 1 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETE100 Datasheet(HTML) 1 Page - Texas Instruments |
|
1 / 26 page ![]() ThunderLAN ™ TNETE100 PCI ETHERNET ™ CONTROLLER SINGLE-CHIP 10 BASE-T WITH MII FOR 100 BASE-T/100VG-AnyLAN ™ SPWS017B – APRIL 1995 – REVISED AUGUST 1996 1 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 D Single-Chip Ethernet™ Adapter for the Peripheral Component Interconnect (PCI) Local Bus – 32-Bit PCI† Glueless Host Interface – Compliant With PCI Local-Bus Specification (Revision 2.0) – 0-MHz to 33-MHz Operation – 3-V or 5-V Input/Output (I/O) Operation – Adaptive Performance Optimization ™ (APO) by Texas Instruments (TI ™ ) for Highest Available PCI Bandwidth – High-Performance Bus Master Architecture With Byte-Aligning Direct Memory Access (DMA) Controller for Low Host CPU and Bus Utilization – Plug-and-Play Compatible D Supports 32-Bit Data Streaming on PCI Bus – Time Division Multiplexed Static Random-Access Memory (SRAM) – 2-Gbps Internal Bandwidth D Driver Compatible With All Previous ThunderLAN Components D Switched-Ethernet Compatible D Full-Duplex Compatible – Independent Transmit and Receive Channels – Two Transmit Channels for Demand Priority D Supports Multiple Protocols With a Single Driver Suite – Optimized Shared Interrupts D No On-Board Memory Required D Auto-Negotiation (N-Way) Compatible D Multimedia-Ready Architecture D Integrated 10 Base-T and 10 Base-5 Attachment Unit Interface (AUI) Physical Layer Interface – Single-Chip IEEE 802.3 and Blue Book Ethernet-Compliant Solution – DSP-Based Digital Phase-Locked Loop (PLL) – Smart Squelch Allows for Transparent Link Testing – Transmission Waveshaping – Autopolarity (Reverse Polarity Correction) – External/Internal Loopback Including Twisted Pair and AUI – 10 Base-2 Supported via AUI Interface D Media-Independent Interface (MII) for Connecting 100-Mbps External Transceivers – Compliant MII for IEEE 802.3u Transceivers – Supports 100 Base-Tx, 100 Base-T4, and 100 Base-Fx – Super Set Supports IEEE 802.12 Transceivers – Supports Ethernet and Token-Ring Framing Formats for 100VG-AnyLAN – Link-Pulse Detection for Determining Wire Rate D Low-Power CMOS Technology – Green PC Compatible – Microsoft ™ Advanced Power Management D EEPROM Interface Supports Jumperless Design and Autoconfiguration D Hardware Statistics Registers for Management Information Base (MIB) D DMTF (Desktop Management Task Force) Compatible D IEEE Standard 1149.1‡ Test-Access Port D 144-Pin Quad Flat Package (PCE Suffix) Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. † The PCI Local-Bus Specification, Revision 2.0 should be used as a reference with this document. ‡ IEEE Standard 1149.1 – 1990, IEEE Standard Test-Access Port and Boundary-Scan Architecture. AnyLAN is a trademark of the Hewlett-Packard Company. ThunderLAN, Adaptive Performance Optimization, and TI are trademarks of Texas Instruments Incorporated. Ethernet is a trademark of Xerox Corporation. Microsoft is a registered trademark of Microsoft Corp. PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Copyright © 1996, Texas Instruments Incorporated |
Similar Part No. - TNETE100 |
|
Similar Description - TNETE100 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |