Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNETA1570 Datasheet(PDF) 49 Page - Texas Instruments

Part # TNETA1570
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1570 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TNETA1570 Datasheet HTML 45Page - Texas Instruments TNETA1570 Datasheet HTML 46Page - Texas Instruments TNETA1570 Datasheet HTML 47Page - Texas Instruments TNETA1570 Datasheet HTML 48Page - Texas Instruments TNETA1570 Datasheet HTML 49Page - Texas Instruments TNETA1570 Datasheet HTML 50Page - Texas Instruments TNETA1570 Datasheet HTML 51Page - Texas Instruments TNETA1570 Datasheet HTML 52Page - Texas Instruments TNETA1570 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
49
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
RESCLK
Clock (RXCLK) input. Data transfer/synchronization clock for synchronizing transfers on RESDATA. When
operating in ATM mode, the ATMCLK is used as the source for the RESCLK.
RESDATA
Data (RXDATA) input. RESDATA7 is the MSB.
RESPAR
Parity (RXPAR) input. RESPAR is the odd-parity bit over RESDATA.
RESSOC
Start of cell (RXSOC) input. This active-high signal is received by the TNETA1570 when RESDATA contains
the first valid byte of the cell.
RESEN
Empty/cell available (RXEMPTY/RXCLAV) input. An indication that there is no valid data to be transferred in
the current cycle. (Functional description does not match pin name for ATM mode).
RESCLAV
Enable (RXENB) output. This active-low signal is sent by the TNETA1570 when a valid byte of RESDATA is sent
during the next clock cycle. (Functional description does not match pin name for ATM mode).
RESPERR
Parity error output. (Not required by the UTOPIA specification) Active-low signal asserted by the reassembly
unit to indicate parity error was present at the previous rising RESCLK edge.
internal FIFOs
The TNETA1570 has a transmit FIFO for internal interfacing between the segmentation engine and the
cell-transmit block. The TX FIFO size is 32 (double words) x 64 (bits), which hold 4 cells. Likewise, the
TNETA1570 has a receive FIFO for internal interfacing between the reassembly engine and the cell-receive
block. The RX FIFO size is 64 (double words) x 64 (bits), which hold 8 cells.
host interface
The
TNETA1570
incorporates
a
PCI
local-bus
specification
revision
2.0
(April
30,
1993)
compliant-host-interface. The following sections describe the features and operation of the PCI-host interface.
host-interface overview
The TNETA1570 operates as a PCI-slave device for configuration cycles, accesses to internal registers, and
accesses to the onboard control memory. It also acts as a PCI-master device for accessing data structures that
are contained in host memory.
As a master, the TNETA1570 incorporates the following features:
D Directly supports the memory-read, memory-write, configuration-read and configuration-write PCI
commands and aliases the memory-read multiple, memory-read line, and memory write and invalidate to
the basic memory commands.
D Supports single data-cycle transfers and disconnects with retry after the first data cycle
D Responds to accesses as a 32-bit agent with medium PDEVSEL timing (single-wait state)
D Utilizes a 1-M block of addresses, which is mapped into the host-memory space using a single
base-address register
D Does not support resource locking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com