Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUI-9 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # TUI-9
Description  RF Power Field Effect Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TUI-9 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  TUI-9 Datasheet HTML 1Page - Freescale Semiconductor, Inc TUI-9 Datasheet HTML 2Page - Freescale Semiconductor, Inc TUI-9 Datasheet HTML 3Page - Freescale Semiconductor, Inc TUI-9 Datasheet HTML 4Page - Freescale Semiconductor, Inc TUI-9 Datasheet HTML 5Page - Freescale Semiconductor, Inc TUI-9 Datasheet HTML 6Page - Freescale Semiconductor, Inc TUI-9 Datasheet HTML 7Page - Freescale Semiconductor, Inc TUI-9 Datasheet HTML 8Page - Freescale Semiconductor, Inc TUI-9 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MRF6VP11KHR6
1
RF Device Data
Freescale Semiconductor
RF Power Field Effect Transistor
N--Channel Enhancement--Mode Lateral MOSFET
Designed primarily for pulsed wideband applications with frequencies up to
150 MHz. Device is unmatched and is suitable for use in industrial, medical
and scientific applications.
• Typical Pulsed Performance at 130 MHz: VDD =50 Volts,IDQ = 150 mA,
Pout = 1000 Watts Peak (200 W Avg.), Pulse Width = 100 μsec,
Duty Cycle = 20%
Power Gain — 26 dB
Drain Efficiency — 71%
• Capable of Handling 10:1 VSWR, @ 50 Vdc, 130 MHz, 1000 Watts Peak
Power
Features
• Characterized with Series Equivalent Large--Signal Impedance Parameters
• CW Operation Capability with Adequate Cooling
• Qualified Up to a Maximum of 50 VDD Operation
• Integrated ESD Protection
• Designed for Push--Pull Operation
• Greater Negative Gate--Source Voltage Range for Improved Class C
Operation
• RoHS Compliant
• In Tape and Reel. R6 Suffix = 150 Units per 56 mm, 13 inch Reel.
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain--Source Voltage
VDSS
--0.5, +110
Vdc
Gate--Source Voltage
VGS
--6.0, +10
Vdc
Storage Temperature Range
Tstg
-- 65 to +150
°C
Case Operating Temperature
TC
150
°C
Operating Junction Temperature (1,2)
TJ
225
°C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (2,3)
Unit
Thermal Resistance, Junction to Case
Case Temperature 80°C, 1000 W Pulsed, 100 μsec Pulse Width, 20% Duty Cycle
Case Temperature 67°C, 1000 W CW, 100 MHz
ZθJC
RθJC
0.03
0.13
°C/W
1. Continuous use at maximum temperature will affect MTTF.
2. MTTF calculator available at http://www.freescale.com/rf. Select Software & Tools/Development Tools/Calculators to access MTTF
calculators by product.
3. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes -- AN1955.
Document Number: MRF6VP11KH
Rev. 7, 4/2010
Freescale Semiconductor
Technical Data
MRF6VP11KHR6
CASE 375D--05, STYLE 1
NI--1230
1.8--150 MHz, 1000 W, 50 V
LATERAL N--CHANNEL
BROADBAND
RF POWER MOSFET
PART IS PUSH--PULL
(Top View)
RFoutA/VDSA
31
42 RFoutB/VDSB
RFinA/VGSA
RFinB/VGSB
Figure 1. Pin Connections
© Freescale Semiconductor, Inc., 2008--2010. All rights reserved.


Similar Part No. - TUI-9

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TUI-9 NXP-TUI-9 Datasheet
1Mb / 19P
RF Power LDMOS Transistor N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 7/2014
More results

Similar Description - TUI-9

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF1518NT1 MOTOROLA-MRF1518NT1 Datasheet
757Kb / 20P
RF Power Field Effect Transistor
logo
Freescale Semiconductor...
MRF5P20180HR6 FREESCALE-MRF5P20180HR6 Datasheet
365Kb / 12P
RF Power Field Effect Transistor
MRFG35010N FREESCALE-MRFG35010N Datasheet
190Kb / 12P
RF Power Field Effect Transistor
MRF1517T1 FREESCALE-MRF1517T1 Datasheet
288Kb / 16P
RF Power Field Effect Transistor
MRF1518NT1 FREESCALE-MRF1518NT1_08 Datasheet
725Kb / 19P
RF Power Field Effect Transistor
MRF18090AR3 FREESCALE-MRF18090AR3 Datasheet
388Kb / 8P
RF Power Field Effect Transistor
logo
Advanced Semiconductor
MRF136 ASI-MRF136 Datasheet
21Kb / 1P
RF POWER FIELD-EFFECT TRANSISTOR
MRF151G ASI-MRF151G Datasheet
21Kb / 1P
RF FIELD-EFFECT POWER TRANSISTOR
logo
Freescale Semiconductor...
MRF8S7235N FREESCALE-MRF8S7235N Datasheet
410Kb / 13P
RF Power Field Effect Transistor
logo
New Jersey Semi-Conduct...
MRF171A NJSEMI-MRF171A Datasheet
95Kb / 2P
RF Power Field-Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com