Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

06151237 Datasheet(PDF) 20 Page - Tyco Electronics

Part # 06151237
Description  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

06151237 Datasheet(HTML) 20 Page - Tyco Electronics

Back Button 06151237 Datasheet HTML 16Page - Tyco Electronics 06151237 Datasheet HTML 17Page - Tyco Electronics 06151237 Datasheet HTML 18Page - Tyco Electronics 06151237 Datasheet HTML 19Page - Tyco Electronics 06151237 Datasheet HTML 20Page - Tyco Electronics 06151237 Datasheet HTML 21Page - Tyco Electronics 06151237 Datasheet HTML 22Page - Tyco Electronics 06151237 Datasheet HTML 23Page - Tyco Electronics 06151237 Datasheet HTML 24Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 85 page
background image
CM-SCE - 2.5K -
1/4 - 4H-9
CM-SCE Military grade tie-on cable marker tags
20
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Heat-Shrink/Cable Markers
Part numbering system
Color
Tie-wrap holes
Markable height of marker (inches)
Pack size
Product family
CM-SCE markers are flat, rigid, non-adhesive labels that can be
used to identify large cables and wire bundles in environments
such as military and aerospace. Marker tags are applied to cables
or wire bundles with cable ties.
Print performance meets or exceeds the requirements of
SAE AS81531 4.6.2 and MIL-STD-202.
Features and benefits
I Side entry provides access to big size and wire bundles
as well as retrofit and repair capability
I Highly flame-retardant
I Highly resistant to abrasion, mechanical abuses, fluids,
lubricants and solvents
I Ease of use: markers can be easily removed from the carrier
I Easy installation: only standard cable tie-wraps
are needed to install markers. No extra steps required
I Excellent print permanence when printing on the rough
side of the marker
Temperature rating
Operating temperature range
–55°C to +135°C
–67°F to +275°F
Specifications/approvals
Tyco Electronics
RW 2513
TTDS-021
Military
Mark permanence: SAE AS81531 4.6.2
Solvent resistance: MIL-STD-202
Method 215J
Industry
UL MH26328 Group PG1S2
Printer information
Tyco Electronics printer
AM6310 (dot matrix)
T312M (thermal transfer)
Tyco Electronics ribbon
1892BK04-RIBBON (dot matrix) (dot matrix)
1966-RIBBON (thermal transfer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com