Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BX310 Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # BX310
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

BX310 Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  BX310 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd BX310 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
BX34 THRU BX320
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
2 of 2
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
Fig.4- MAXIMUM NON - REPETITIVE SURGE CURRENT
Fig.3- TYPICAL REVERSE CHARACTERISTIC
NO. OF CYCLE AT 60Hz
90
80
70
60
50
40
30
20
10
1
2
5
10
20
50
100
8.3ms Single
Half Since-Wave
JEDEC Method
LEAD TEMPERATURE, C
O
3.0
2.5
1.5
0
1.0
2.0
0
20
40
60
80
100
120
140
160
180
=40V
= 45-200V
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
.4 .5 .6
.8
1.0
.7
.9
1.1
50
0.1
10
1.0
TJ=25 C
f=1.0mHz
Visg=5mVp-p
O
40-45V
50-60V
80-100V
150-200V
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE,(%)
120
140
10
1.0
0.1
.01
.001
0
20406080 100
T =100 C
J
O
T=
J
75 C
O
T=
J
25 C
O
BX34 THRU BX320
40V-200V
3.0A
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com