Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6472PD Datasheet(PDF) 25 Page - STMicroelectronics

Part # L6472PD
Description  dSPIN fully integrated microstepping motor driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6472PD Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L6472PD Datasheet HTML 21Page - STMicroelectronics L6472PD Datasheet HTML 22Page - STMicroelectronics L6472PD Datasheet HTML 23Page - STMicroelectronics L6472PD Datasheet HTML 24Page - STMicroelectronics L6472PD Datasheet HTML 25Page - STMicroelectronics L6472PD Datasheet HTML 26Page - STMicroelectronics L6472PD Datasheet HTML 27Page - STMicroelectronics L6472PD Datasheet HTML 28Page - STMicroelectronics L6472PD Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 69 page
background image
L6472
Functional description
Doc ID 022729 Rev 1
25/69
6.7.3
Motion commands
Motion commands produce a motion in order to perform a user-defined number of
microsteps in a user-defined direction that are sent to the device together with the command
(see Figure 11).
The performed motor motion is compliant to programmed speed profile boundaries
(acceleration, deceleration, minimum and maximum speed).
Note that with some speed profiles or motion commands, the deceleration phase can start
before the maximum speed is reached.
Figure 11.
Motion command examples
6.7.4
Stop commands
A stop command forces the motor to stop. Stop commands can be sent anytime.
The SoftStop command causes the motor to decelerate with a programmed deceleration
value until the MIN_SPEED value is reached and then stops the motor maintaining the rotor
position (a holding torque is applied).
The HardStop command stops the motor instantly, ignoring deceleration constraints and
maintaining the rotor position (a holding torque is applied).
The SoftHiZ command causes the motor to decelerate with a programmed deceleration
value until the MIN_SPEED value is reached and then forces the bridges into high-
impedance state (no holding torque is present).
The HardHiZ command instantly forces the bridges into high-impedance state (no holding
torque is present).
6.7.5
Step-clock mode
In step-clock mode the motor motion is defined by the step-clock signal applied to the STCK
pin.
At each step-clock rising edge, the motor is moved by one microstep in the programmed
direction and the absolute position is consequently updated.
When the system is in step-clock mode the SCK_MOD flag in the STATUS register is raised,
the SPEED register is set to zero and the motor status is considered stopped whatever the
STCK signal frequency (the MOT_STATUS parameter in the STATUS register equal to
g00h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com