Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LS06 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # 74LS06
Description  Hex Inverted Buffers with Open-Collector Outputs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

74LS06 Datasheet(HTML) 1 Page - System Logic Semiconductor

  74LS06 Datasheet HTML 1Page - System Logic Semiconductor 74LS06 Datasheet HTML 2Page - System Logic Semiconductor 74LS06 Datasheet HTML 3Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SL74LS06
System Logic
Semiconductor
SLS
Hex Inverted Buffers with
Open-Collector Outputs
This device contains hex inverted buffers with open-collector. It
performs the Boolean function Y=A in positive Logic.
• High Output Voltage (30 V)
• High Speed ( t
PD = 8.5 ns typical)
• Low Power Dissipation (P
D = 18 mW per Gate)
ORDERING INFORMATION
SL74LS06N Plastic
SL74LS06D SOIC
TA = 0
° to 70° C for all
packages
LOGIC DIAGRAM
A1
A3
A5
A2
A4
A6
Y1
Y3
Y5
Y2
Y4
Y6
11
4
6
1
3
5
9
13
2
8
10
12
PIN 14 =VCC
PIN 7 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Output
A
Y
H
L
L
H


Similar Part No. - 74LS06

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
74LS06 HITACHI-74LS06 Datasheet
55Kb / 6P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
SYC Electronica
74LS06 SYC-74LS06 Datasheet
110Kb / 5P
Hex Inverter Buffers/Drivers (With Open Collector High-Voltage Outputs)
More results

Similar Description - 74LS06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS1005 TI-SN54ALS1005 Datasheet
69Kb / 4P
HEX INVERTING BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN54ALS1035 TI-SN54ALS1035 Datasheet
68Kb / 5P
HEX NONINVERTING BUFFERS WITH OPEN-COLLECTOR OUTPUTS
logo
System Logic Semiconduc...
SL74LS07 SLS-SL74LS07 Datasheet
25Kb / 3P
Hex Non-Inverted Buffers with Open-Collector Outputs
logo
Integral Corp.
IN74LS07 INTEGRAL-IN74LS07 Datasheet
98Kb / 3P
Hex Non-Inverted Buffers with Open- Collector Outputs
IN74LS06 INTEGRAL-IN74LS06 Datasheet
87Kb / 3P
Hex Inverted Buffers with Open-Collector Outputs
logo
KODENSHI_AUK CORP.
KK74LS06 KODENSHI-KK74LS06 Datasheet
193Kb / 4P
Hex Inverted Buffers with Open-Collector Outputs
KK74LS07 KODENSHI-KK74LS07 Datasheet
202Kb / 4P
Hex Non-Inverted Buffers with Open- Collector Outputs
logo
Texas Instruments
SN54ALS1035 TI-SN54ALS1035_07 Datasheet
617Kb / 15P
HEX NONINVERTING BUFFERS WITH OPEN-COLLECTOR OUTPUTS
logo
IK Semicon Co., Ltd
IN74LS06 IKSEMICON-IN74LS06 Datasheet
148Kb / 4P
This device contains hex inverted buffers with open-collector
logo
Texas Instruments
SN54ALS1035 TI1-SN54ALS1035_15 Datasheet
705Kb / 14P
HEX NONINVERTING BUFFERS WITH OPEN-COLLECTOR OUTPUTS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com