Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC5652MPFBREP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5652MPFBREP
Description  DUAL 10-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5652MPFBREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC5652MPFBREP Datasheet HTML 2Page - Texas Instruments DAC5652MPFBREP Datasheet HTML 3Page - Texas Instruments DAC5652MPFBREP Datasheet HTML 4Page - Texas Instruments DAC5652MPFBREP Datasheet HTML 5Page - Texas Instruments DAC5652MPFBREP Datasheet HTML 6Page - Texas Instruments DAC5652MPFBREP Datasheet HTML 7Page - Texas Instruments DAC5652MPFBREP Datasheet HTML 8Page - Texas Instruments DAC5652MPFBREP Datasheet HTML 9Page - Texas Instruments DAC5652MPFBREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
DAC5652-EP
SGLS341B – JUNE 2006 – REVISED OCTOBER 2006
over operating free-air temperature range, AVDD = DVDD = 3.3 V, I
OUTFS = 20 mA, independent gain set mode
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC Specifications
Resolution
10
Bits
DC Accuracy(1)
INL
Integral nonlinearity
1 LSB = IOUTFS/210, TMIN to TMAX
–1
±0.25
1
LSB
DNL
Differential nonlinearity
1 LSB = IOUTFS/210, TMIN to TMAX
–0.5
±0.16
0.5
LSB
Analog Output
Offset error
Mid-scale value (internal reference)
±0.05
%FSR
Offset mismatch
Mid-scale value (internal reference)
±0.03
%FSR
Gain error
With internal reference
±0.75
%FSR
Minimum full-scale output current(2)
2
mA
Maximum full-scale output current(2)
20
mA
Gain mismatch
With internal reference
–2
0.2
2
%FSR
Output voltage compliance range(3)
–0.8
1.25
V
RO
Output resistance
300
k
Ω
CO
Output capacitance
5
pF
Reference Output
Reference voltage
1.14
1.2
1.26
V
Reference output current(4)
100
nA
Reference Input
VEXTIO
Input voltage
0.1
1.25
V
RI
Input resistance
1
M
Ω
Small signal bandwidth
300
kHz
CI
Input capacitance
100
pF
Temperature Coefficients
Offset drift
2
ppm of FSR/
°C
With external reference
±20
Gain drift
ppm of FSR/
°C
With internal reference
±40
Reference voltage drift
±20
ppm/
°C
(1)
Measured differentially through 50
Ω to AGND.
(2)
Nominal full-scale current, IOUTFS, equals 32× the IBIAS current.
(3)
The lower limit of the output compliance is determined by the CMOS process. Exceeding this limit may result in transistor breakdown,
resulting in reduced reliability of the DAC5652 device. The upper limit of the output compliance is determined by the load resistors and
full-scale output current. Exceeding the upper limit adversely affects distortion performance and integral nonlinearity.
(4)
Use an external buffer amplifier with high-impedance input to drive any external load.
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com