Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESD-R-38B Datasheet(PDF) 12 Page - NEC

Part # ESD-R-38B
Description  EMI Core
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

ESD-R-38B Datasheet(HTML) 12 Page - NEC

Back Button ESD-R-38B Datasheet HTML 8Page - NEC ESD-R-38B Datasheet HTML 9Page - NEC ESD-R-38B Datasheet HTML 10Page - NEC ESD-R-38B Datasheet HTML 11Page - NEC ESD-R-38B Datasheet HTML 12Page - NEC ESD-R-38B Datasheet HTML 13Page - NEC ESD-R-38B Datasheet HTML 14Page - NEC ESD-R-38B Datasheet HTML 15Page - NEC ESD-R-38B Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
EMI Core
12
Ring Type
Ring Type
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634ESDVOL09E1003E1
1
10
100
1000
1
10000
1000
100
10
1T
2T
3T
Frequency (MHz)
ESD-R-12C-2
1
10000
1000
100
10
1T
2T
3T
1
10
100
1000
Frequency (MHz)
ESD-R-14A
Impedance vs. Frequency
Toroidal Cores (Coated Type)
[RoHS Compliant]
Toroidal Cores (Coated Type)
[RoHS Compliant]
bESD-R Series
OD
T
Shape and Dimensions
ESD-R-12C-2
12.0
7.3
15.3
Blue
ESD-R-14A
15.0
6.2
3.5
Green
ESD-R-14C-2
14.0
7.0
3.0
Blue
ESD-R-14C
ESD-R-15C
15.2
10.5
12.5
Blue
ESD-R-15C-1
ESD-R-17S-1
17.7
9.4
28.8
Blue
ESD-R-17S
ESD-R-19E-1
19.0
10.7
5.3
Blue
ESD-R-25D-8
25.0
15.0
8.0
Blue
ESD-R-25L-A
25.3
15.1
12.1
Blue
ESD-R-25SD
ESD-R-28C-1
28.2
15.8
13.2
Blue
ESD-R-31C-1
32.0
18.5
9.0
Green
ESD-R-31C
※Above frequency range is a reference only. Please test with actual device before use.
Model
Dimensions (mm)
Frequency range
Color of coating
Compatible toroidal core
OD
ID
T
up to 100MHz
up to 300MHz
(bare type)
(mainly AM band range)
(mainly FM band range)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com