Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD103CWS Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SD103CWS
Description  Surface Mount Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SD103CWS Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SD103CWS Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SD103CWS Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
100
0
50
100
150
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Power Derating Curve
A
°
200
300
25
75
125
1.0
10
100
1000
0.10
0.01
0
0.5
1.0
V , FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
V , REVERSE VOLTAGE (V)
R
Fig. 3 Total Capacitance vs Reverse Voltage
100
0.1
1.0
10
010
20
30
40
f = 1MHz
Device
Packaging
Shipping
SD103AWS-7
SOD-323
3000/Tape & Reel
SD103BWS-7
SOD-323
3000/Tape & Reel
SD103CWS-7
SOD-323
3000/Tape & Reel
Ordering Information
SD103AWS-SD103CWS
Surface Mount Schottky Barrier Diode
http://www.luguang.cn
mail:lge@luguang.cn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com