Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV20WS Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # BAV20WS
Description  0.2W Fast Switching Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BAV20WS Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BAV20WS Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BAV20WS Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fast Switching Speed
Surface Mount Package Ideally Suited for Automatic Insertion
For General Purpose Switching Applications
Maximum Ratings
Parameter
Symbol
BAV19WS
BAV20WS
BAV21WS
Unit
Non-Repetitive Peak reverse voltage
VRM
120
200
250
V
Peak Repetitive Peak reverse voltage
Working Peak Reverse Voltage
DC Blocking
Voltage
VRRM
VRWM
VR
100
150
200
V
RMS Reverse Voltage
VR(RMS)
71
106
141
V
Forward Continuous Current
IFM
400
mA
Average Rectified Output Current
IO
200
mA
Peak forward surge current @=1.0ms
@=1.0s
IFSM
2.5
0.5
A
Repetitive Peak Forward Current
IFRM
625
mA
Power Dissipation
Pd
250
mW
Thermal
Resistance
Junction
to
Ambient
RθJA
500
℃/W
Storage temperature
TSTG
-65~+150
℃
Electrical Ratings
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VF1
1.0
IF=0.1A
Forward voltage
VF2
1.25
V
IF=0.2A
0.1
VR=100V
0.1
VR=150V
Reverse current
BAV19WS
BAV20WS
BAV21WS
IR
0.1
μA
VR=200V
Capacitance between terminals
CT
5
pF
VR=0V,f=1MHz
Reverse Recovery Time
trr
50
ns
IF=IR=30mA
Irr=0.1XIR,RL=100Ω
BAV19WS-BAV21WS
0
.2W Fast Switching Diodes
Maximum Ratings and Electrical Characteristics
Rating at 25oC ambient temperature unless otherwise specified.
Features
SOD-323
Dimensions in inches and (millimeters)
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - BAV20WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV20WS PANJIT-BAV20WS Datasheet
104Kb / 3P
SURFACT MOUNT SWITCHING DIODES
logo
Diodes Incorporated
BAV20WS DIODES-BAV20WS Datasheet
61Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30119 Rev. 7 - 2
logo
General Semiconductor
BAV20WS GE-BAV20WS Datasheet
118Kb / 4P
SMALL SIGNAL DIODES
logo
Diotec Semiconductor
BAV20WS DIOTEC-BAV20WS Datasheet
111Kb / 2P
Surface mount Small Signal Diodes
logo
Won-Top Electronics
BAV20WS WTE-BAV20WS Datasheet
48Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAV20WS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DZD20 SANYO-DZD20 Datasheet
77Kb / 4P
0.2W Zener Diodes
DZD27 SANYO-DZD27 Datasheet
46Kb / 2P
0.2W Zener Diodes
logo
TAITRON Components Inco...
BZX384C3V9 TAITRON-BZX384C3V9 Datasheet
296Kb / 4P
0.2W Surface Mount Zener Diodes
logo
Shenzhen Luguang Electr...
1SS355 LUGUANG-1SS355 Datasheet
209Kb / 2P
0.2W Fast Switching Diodes
SD106WS LUGUANG-SD106WS Datasheet
201Kb / 2P
0.2W Fast Switching Diodes
logo
Gaomi Xinghe Electronic...
MM5Z2V0 GXELECTRONICS-MM5Z2V0 Datasheet
449Kb / 3P
0.2W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
MM5Z2V0 JINGHENG-MM5Z2V0 Datasheet
62Kb / 3P
0.2W SILICON PLANAR ZENER DIODES
logo
Nantong Hornby Electron...
1N4X48 HORNBY-1N4X48 Datasheet
306Kb / 4P
FAST SWITCHING DIODES
logo
Jinan Jingheng (Group) ...
MM5Z2V0 JINANJINGHENG-MM5Z2V0 Datasheet
286Kb / 3P
0.2W SILICON PLANAR ZENER DIODES
logo
Shenzhen Luguang Electr...
1SS355 LUGUANG-1SS355_V01 Datasheet
1Mb / 2P
0.2W Fast Switching Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com