Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL103C Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # LL103C
Description  Small Signal Schottky Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

LL103C Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  LL103C Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd LL103C Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.3 -- TYPICAL VARIATION OF REVERSE CURRENT AT
XXXXXXXXX
VARIATION TEMPERATURES
FIG.1 -- TYPICAL VARIATION OF FWD. CURRENT VS FWD.
XXXXXXXX-VOLTAGE FOR PRIMARY CONDUCTION THROUGH THE
XXXXXXXX-SCHOTTKY BARRIER
FIG.2 -- TYPICAL FORWARD CONDUCTION CURVE OF
XXXXX COMBINATION SCHOTTKY BARRIER AND PN
XXXXX JUNCTION GUARD RING
FIG.4 -- TYPICAL CAPACITANCE CURVE AS A
JUNCTION OF REVERSE VOLTAGE
0.001
0.010
0.100
1.000
10.000
100.000
1000.000
0
100 200 300 400 500 600 700 800 900 1000
V F – Forward Voltage ( mV )
1000
100
10
1
0.1
0.01
0
1
2
3
4
5
0.0
0.5
1.0
1.5
2.0
VF – Forward Voltage(V)
0
5
10
15
20
25
30
0
5
10
15
20
25
30
VR – Reverse Voltage(V)
f=1MHz
1
10
100
1000
10000
0
20 40 60 80 100 120 140 160
Tj – Junction Temperature (°C)
LL103A-LL103C
Small Signal Schottky Diodes
Ratings AND Charactieristic Curves
http://www.luguang.cn
mail:lge@luguang.cn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com