Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFS3G Datasheet(PDF) 2 Page - Frontier Electronics.

Part # SFS3G
Description  3A SUPER FAST RECOVERY SURFACE MOUNT RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SFS3G Datasheet(HTML) 2 Page - Frontier Electronics.

  SFS3G Datasheet HTML 1Page - Frontier Electronics. SFS3G Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S3A THRU SFS3J
Page: 2
RATINGS AND CHARACTERISTIC CURVE SFS3A THRU SFS3J
FIG. 1-TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTIC
+0.5A
0
-0.25A
Trr
FIG. 3-TYPICAL REVERSE CHARACTERISTICS
FIG. 4-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
FIG. 6-TYPICAL JUNCTION CAPACITANCE
.1
.2
.4
1.0 2
4
10
20
40
100
REVERSE VOLTAGE (V)
200
100
40
20
10
6
4
2
1
SFS1A~SFS1D
SFS3E~SFS3J
FIG. 5-MAXIMUM NON-REPETITIVE
FORWARD SURGE CURRENT
40
30
25
20
15
10
5
0
1
5
10
20
50
100
NUMBER OF CYCLES AT 60 Hz
8.3 ms Single Half Sine Wave
(JEDEC Method)
TJ=25
oC
.2
.4
.6
.8
1.0 1.2 1.4
1.6 1.8
INSTANTANEOUS FORWARD VOLTAGE (V)
0
20
40
60
80
100 120
140
TJ=25
oC
TJ=80
oC
TJ=100
oC
SFS3A~SFS3D
SFS3J
10
1.0
.1
.01
.001
6.0
5.0
4.0
3.0
2.0
1.0
0
25 50 75 100 125 150 175
LEAD TEMPERATURE (
oC)
FIG. 2-TYPICAL FORWARD
CURRENT DERATING CURVE
Single Phase Half
Wave 60 Hz
Resistive
or Inductive Load
1cm
SET TIME BASE
FOR 10/20 ns/cm
SFS3E~SFS3G
100
10
1.0
0.1
0.01
PULSE
GENERATOR
( NOTE 2 )
(+)
25 Vdc
(approx)
(-)
D.U.T.
1
Ω
NON
INDUCTIVE
OSCILLOSCOPE
( NOTE 1 )
50
Ω
NO INDUCTIVE
100
Ω
NO INDUCTIVE
(-)
(+)
NOTE: 1. RISE TIME=7ns MAX. INPUT
IMPEDANCE=1 MOhms 22PF
2. RISE TIME =10ns MAX. SOURCE
IMPEDANCE=50 OHMS
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
P.C.B MOUNTED ON
0.3×0.3”(8.0×8.0mm)
COPPER PAD AREAS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com