Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP802MEN Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP802MEN
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP802MEN Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP802MEN Datasheet HTML 8Page - Sipex Corporation SP802MEN Datasheet HTML 9Page - Sipex Corporation SP802MEN Datasheet HTML 10Page - Sipex Corporation SP802MEN Datasheet HTML 11Page - Sipex Corporation SP802MEN Datasheet HTML 12Page - Sipex Corporation SP802MEN Datasheet HTML 13Page - Sipex Corporation SP802MEN Datasheet HTML 14Page - Sipex Corporation SP802MEN Datasheet HTML 15Page - Sipex Corporation SP802MEN Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
SP690A/692ADS/08
SP690A/692A Low Power Microprocessor Supervisory with Battery Switch-Over
© Copyright 2000 Sipex Corporation
13
Interfacing to Microprocessors with
Bidirectional Reset Pins
Microprocessors with bidirectional reset pins,
such as the Motorola 68HC11 series, can con-
tend with this series' RESET output. If, for
example, the RESET output is driven high and
the
µP wants to pull it low, indeterminate logic
levels may result. To correct this, connect a
4.7K
Ω resistor between the RESET output and
the
µP reset I/O, as in Figure 20. Buffer the
RESET output to other system components.
Figure 19. Monitoring a Negative Voltage
Figure 20. Interfacing to Microprocessors with
Bidirectional RESET I/O
PFI
PFO
R2
R1
VCC
+5V
GND
PFO
V-
+5V
*VTRIP 0V
0V
5.0 - 1.25
R1
1.25 - VTRIP
R2
V-
=
*VTRIP is a negative voltage
VCC
+5V
GND
VCC
+5V
GND
RESET
RESET
4.7K
Ω
µP
Buffered RESET connects to System Components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com