Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX0410/06S/4550 Datasheet(PDF) 3 Page - Elektron Components Ltd.

Part # PX0410/06S/4550
Description  400 Series Buccaneer짰
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PX0410/06S/4550 Datasheet(HTML) 3 Page - Elektron Components Ltd.

  PX0410/06S/4550 Datasheet HTML 1Page - Elektron Components Ltd. PX0410/06S/4550 Datasheet HTML 2Page - Elektron Components Ltd. PX0410/06S/4550 Datasheet HTML 3Page - Elektron Components Ltd. PX0410/06S/4550 Datasheet HTML 4Page - Elektron Components Ltd. PX0410/06S/4550 Datasheet HTML 5Page - Elektron Components Ltd. PX0410/06S/4550 Datasheet HTML 6Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.elektron-bulgin.com
41
BUCCANEER FOR POWER
400 Series Buccaneer
Maintains IP68 Rating of
Unmated Connectors
PX0480: Fits PX0412 (panel
mounting)
PX0480/1: Fits PX0401 &
PX0411 (flex in-line)
PX0481: Fits PX0400, PX0402
& PX0410 (flex connector)
PX0484: Fits PX0413 (PCB
and rear panel mount)
PX0480 PX0480/1 PX0481
Part No
Description
PX0482
Pack of 4 pairs cable glands and collets to suit cables from 3.0 to
5.0mm diameter.
PX0483
Pack of 4 pairs cable glands and collets to suit cables from 5.0 to
7.0mm diameter.
SEALING CAPS AND ACCESSORIES
GLAND PACKS
PX0484
Mates with Flex Cable
connectors PX0410, PX0400 &
PX0402
Front Panel mounting
Single hole fixing
Contacts supplied separately
2, 3, 4, 6, 8, 10 or 12 pole
PX0412/S
PX0412/P
FRONT PANEL MOUNTING CONNECTOR
Mates with Flex Cable
connector PX0410, PX0400 &
PX0402
Rear Panel mounting
Single hole fixing
Contacts supplied separately
2, 3, 4, 6, 8, 10 or 12 pole
PX0413/xxS
PX0413/xxP
REAR PANEL MOUNTING CONNECTOR
Mates with Flex Cable
connector PX0410, PX0400 &
PX0402
PCB Rear Panel mounting
Straight PC spills
Supplied with pre-loaded gold
plated contacts
2, 3, 4, 6, 8, 10 or 12 pole
PX0413/xxS/PC
PX0413/xxP/PC
PCB MOUNTING CONNECTOR
Conns4 - Buccaneer 2010 - Power:Conns4 - Buccaneer 2005v8
8/6/10
16:34
Page 41



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com