Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP708 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP708
Description  Resistor-Programmable Temperature Switch in SOT Package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP708 Datasheet(HTML) 1 Page - Texas Instruments

  TMP708 Datasheet HTML 1Page - Texas Instruments TMP708 Datasheet HTML 2Page - Texas Instruments TMP708 Datasheet HTML 3Page - Texas Instruments TMP708 Datasheet HTML 4Page - Texas Instruments TMP708 Datasheet HTML 5Page - Texas Instruments TMP708 Datasheet HTML 6Page - Texas Instruments TMP708 Datasheet HTML 7Page - Texas Instruments TMP708 Datasheet HTML 8Page - Texas Instruments TMP708 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
150 W
TMP708
VCC
GND
HYST
SET
OT
Microprocessor
VCC
GND
R
SET
470 kW
0.1 F
m
2.7 V to 5.5 V
TMP708
www.ti.com
SBOS585A
– DECEMBER 2011 – REVISED FEBRUARY 2012
Resistor-Programmable Temperature Switch in SOT Package
Check for Samples: TMP708
1
FEATURES
APPLICATIONS
2
Threshold Accuracy:
Computers (Laptops and Desktops)
– ±0.5°C Typical
Servers
– ±3°C Maximum (+60°C to +100°C)
Industrial and Medical Equipment
Temperature Threshold Set By 1% External
Storage Area Networks
Resistor
Automotive
Low Quiescent Current: 40
μA Typical
DESCRIPTION
Open-Drain, Active-Low Output Stage
The
TMP708
is
a
fully-integrated,
resistor-
Pin-Selectable 10
°C or 30°C Hysteresis
programmable temperature switch with a temperature
Reset Operation Specified at VCC = 0.8 V
threshold that is set by just one external resistor
Supply Range: 2.7 V to 5.5 V
within its entire operating range. The TMP708
provides an open-drain, active-low output and has a
Package: 5-Pin SOT23
2.7 V to 5.5 V supply voltage range.
The temperature threshold accuracy is typically
±0.5°C with a maximum of ±3°C (+60°C to +100°C).
The quiescent current consumption is typically 40
μA.
Hysteresis is pin-selectable to 10
°C or 30°C.
The TMP708 is available in a 5-pin SOT23 package.
TYPICAL APPLICATION
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMP708

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP708 TI2-TMP708 Datasheet
493Kb / 20P
TMP708 Resistor-Programmable Temperature Switch in SOT Package
REVISED DECEMBER 2016
TMP708 TI2-TMP708 Datasheet
958Kb / 20P
TMP708-Q1 Automotive, Resistor-Programmable Temperature Switch in SOT Package
DECEMBER 2016
TMP708-Q1 TI1-TMP708-Q1 Datasheet
780Kb / 18P
Automotive, Resistor-Programmable Temperature Switch in SOT Package
TMP708-Q1 TI2-TMP708-Q1 Datasheet
493Kb / 20P
TMP708 Resistor-Programmable Temperature Switch in SOT Package
REVISED DECEMBER 2016
TMP708-Q1 TI2-TMP708-Q1 Datasheet
958Kb / 20P
TMP708-Q1 Automotive, Resistor-Programmable Temperature Switch in SOT Package
DECEMBER 2016
More results

Similar Description - TMP708

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509 Datasheet
141Kb / 8P
Resistor-Programmable SOT Temperature Switches
Rev 0; 1/00
MAX6509 MAXIM-MAX6509_03 Datasheet
199Kb / 8P
Resistor-Programmable SOT Temperature Switches
Rev 2; 11/03
logo
Texas Instruments
TMP709 TI1-TMP709 Datasheet
551Kb / 14P
Resistor-Programmable Temperature Switch in SOT Package
logo
Maxim Integrated Produc...
MAX6510HAUT MAXIM-MAX6510HAUT Datasheet
156Kb / 9P
Resistor-Programmable SOT Temperature Switches
Rev 3; 5/13
logo
Texas Instruments
TMP709 TI1-TMP709_15 Datasheet
704Kb / 15P
Resistor-Programmable Temperature Switch in SOT Package
logo
Global Mixed-mode Techn...
G709 GMT-G709 Datasheet
40Kb / 1P
Resistor-Programmable SOT Temperature Switches
G708 GMT-G708 Datasheet
76Kb / 1P
Resistor-Programmable SOT Temperature Switches
logo
Texas Instruments
TMP708-Q1 TI1-TMP708-Q1 Datasheet
780Kb / 18P
Automotive, Resistor-Programmable Temperature Switch in SOT Package
TMP709-Q1 TI1-TMP709-Q1 Datasheet
780Kb / 18P
Automotive, Resistor-Programmable Temperature Switch in SOT Package
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509_V01 Datasheet
1Mb / 9P
Resistor-Programmable SOT Temperature Switches
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com