| Electronic Components Datasheet Search |
|
ADP1047ARQZ-R7 Datasheet(PDF) 76 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1047ARQZ-R7 Datasheet(HTML) 76 Page - Analog Devices |
|
76 / 84 page ![]() ADP1047/ADP1048 Data Sheet Rev. 0 | Page 76 of 84 SMART VOUT LOW LINE (VOL1) REGISTER Table 131. Register 0xFE46—Smart VOUT Low Line (VOL1) Bits Bit Name R/W Description [15:11] RSVD R Reserved. [10:0] VOL1 R/W These bits set the output voltage under low power mode operation with low line input. SMART VOUT LOW LINE (VOL2) REGISTER Table 132. Register 0xFE47—Smart VOUT Low Line (VOL2) Bits Bit Name R/W Description [15:11] RSVD R Reserved. [10:0] VOL2 R/W These bits set the output voltage under high power mode operation with low line input. SMART VOUT HIGH LINE (VOH1) REGISTER Table 133. Register 0xFE48—Smart VOUT High Line (VOH1) Bits Bit Name R/W Description [15:11] RSVD R Reserved. [10:0] VOH1 R/W These bits set the output voltage under low power mode operation with high line input. SMART VOUT HIGH LINE (VOH2) REGISTER Table 134. Register 0xFE49—Smart VOUT High Line (VOH2) Bits Bit Name R/W Description [15:11] RSVD R Reserved. [10:0] VOH2 R/W These bits set the output voltage under high power mode operation with high line input. SMART VOUT UPPER LIMIT (VOH) REGISTER Table 135. Register 0xFE4A—Smart VOUT Upper Limit (VOH) Bits Bit Name R/W Description [15:11] RSVD R Reserved. [10:0] VOH R/W These bits set the output voltage when the VAC input voltage is higher than the value set in Register 0xFE4B. SMART VOUT SUPER HIGH LINE REGISTER Table 136. Register 0xFE4B—Smart VOUT Super High Line Bits Bit Name R/W Description [15:11] RSVD R Reserved. [10:0] Super high line voltage R/W These bits set the input voltage value as a super high line limit. SYNC DELAY REGISTER Table 137. Register 0xFE4C—SYNC Delay Bits Bit Name R/W Description [15:0] tSYNC_DELAY R/W These bits set the additional delay between the external synchronization reference clock signal and the rising edge of PWM. Each LSB corresponds to 80 ns resolution. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |