| Electronic Components Datasheet Search |
|
ADP1046ACPZ-R7 Datasheet(PDF) 82 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1046ACPZ-R7 Datasheet(HTML) 82 Page - Analog Devices |
|
82 / 96 page ![]() ADP1046 Data Sheet Rev. 0 | Page 82 of 96 Table 120. Register 0x78—Volt-Second Balance Settings (SR1 and SR2 Pins) Bits Bit Name R/W Description 7 Modulate enable, t9 R/W Setting this bit enables modulation from balance control on the SR1 rising edge, t9. 6 t9 sign R/W 0 = positive sign. Increase of balance control modulation moves t9 right. 1 = negative sign. Increase of balance control modulation moves t9 left. 5 Modulate enable, t10 R/W Setting this bit enables modulation from balance control on the SR1 falling edge, t10. 4 t10 sign R/W 0 = positive sign. Increase of balance control modulation moves t10 right. 1 = negative sign. Increase of balance control modulation moves t10 left. 3 Modulate enable, t11 R/W Setting this bit enables modulation from balance control on the SR2 rising edge, t11. 2 t11 sign R/W 0 = positive sign. Increase of balance control modulation moves t11 right. 1 = negative sign. Increase of balance control modulation moves t11 left. 1 Modulate enable, t12 R/W Setting this bit enables modulation from balance control on the SR2 falling edge, t12. 0 t12 sign R/W 0 = positive sign. Increase of balance control modulation moves t12 right. 1 = negative sign. Increase of balance control modulation moves t12 left. Table 121. Register 0x79—SR Delay Compensation Bits Bit Name R/W Description [7:6] Reserved R/W Reserved. [5:0] SR driver delay R/W These bits specify the 6-bit representation of the SR delay in steps of 5 ns. 000000 = 0 ns. 111111 = 63 ns × 5 ns = 315 ns. Table 122. Register 0x7A—Filter Transitions Bits Bit Name R/W Description [7:6] Reserved R/W Reserved. [5:3] HF ADC configuration R/W Set these bits to 001 at all times for proper operation. 2 Enable soft transition R/W Setting this bit enables a soft transition between filter settings to minimize output transients. All four parameters of each filter are linearly transitioned to the new value. [1:0] Transition speed R/W These bits set the transition speed from one filter to another. The filter changes in 32 steps; each step is applied at the multiple of switching cycles (tSW) specified by these bits. Bit 1 Bit 0 Speed (tSW = One Switching Cycle) 0 0 32 tSW (total transition time = 32 × 32 tSW = 1024 × tSW) 0 1 8 tSW (total transition time = 8 × 32 tSW = 256 × tSW) 1 0 2 tSW (total transition time = 64 × tSW) 1 1 1 tSW (total transition time = 32 × tSW) Table 123. Register 0x7B—PGOOD1 Flag Masking Bits Bit Name R/W Description 7 Soft start flag R/W If set to 1, this flag is ignored by PGOOD1. This bit must be set to 0 to enable proper PGOOD1 debounce timing after the end of the soft start ramp. 6 CS1 fast OCP R/W If set to 1, this flag is ignored by PGOOD1. 5 CS1 accurate OCP R/W If set to 1, this flag is ignored by PGOOD1. 4 CS2 accurate OCP R/W If set to 1, this flag is ignored by PGOOD1. 3 UVP R/W If set to 1, this flag is ignored by PGOOD1. 2 Local OVP (fast and accurate) R/W If set to 1, this flag is ignored by PGOOD1. 1 Load OVP R/W If set to 1, this flag is ignored by PGOOD1. 0 OrFET R/W If set to 1, this flag is ignored by PGOOD1. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |