Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDBA360-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBA360-G
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBA360-G Datasheet(HTML) 1 Page - Comchip Technology

  CDBA360-G Datasheet HTML 1Page - Comchip Technology CDBA360-G Datasheet HTML 2Page - Comchip Technology CDBA360-G Datasheet HTML 3Page - Comchip Technology CDBA360-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Schottky Barrier Rectifiers
Dimensions in inches and (millimeter)
DO-214AC (SMA)
0.110(2.79)
0.100(2.54)
0.065(1.65)
0.049(1.25)
0.208(5.28)
0.193(4.90)
0.012(0.305)
0.006(0.152)
0.005(0.127) max
0.060(1.52)
0.030(0.76)
0.090(2.29)
0.078(1.98)
0.177(4.50)
0.157(3.99)
Reverse Voltage: 20 to 100 Volts
Forward Current: 3.0 Amp
RoHS Device
Page 1
REV:C
Features
-Ideal for surface mount applications.
-Easy pick and place.
-Plastic package has Underwriters Lab.
flammability classification 94V-0.
-Built-in strain relief.
-Low forward voltage drop.
Mechanical data
-Case: JEDEC DO-214AC, molded plastic.
-Terminals: solderable per MIL-STD-750,
method 2026.
-Polarity: Color band denotes cathode end.
-Approx. weight: 0.063 grams
CDBA320-G Thru. CDBA3100-G
Maximum Ratings and Electrical Characteristics
QW-BB009
CDBA
320-G
Notes: 1. Thermal resistance from junction to ambient and junction to lead mounted on P.C.B. with 0.55×0.55 inch copper pad area.
Comchip Technology CO., LTD.
Max. repetitive peak reverse voltage
Max. DC blocking voltage
Max. RMS voltage
Peak surge forward current, 8.3ms
single half sine-wave superimposed
on rate load (JEDEC method)
Max. average forward current
Max. instantaneous forward voltage at
3.0A
Max. DC reverse current at
TA=25°C
rated DC blocking voltage
TA=100°C
Max. thermal resistance (Note 1)
Max. operating junction temperature
Storage temperature
CDBA
340-G
CDBA
360-G
CDBA
380-G
CDBA
3100-G
Units
Symbol
Parameter
VRRM
VDC
VRMS
IFSM
I(AV)
VF
IR
RθJA
RθJL
TJ
TSTG
20
20
14
40
40
28
20
60
60
42
80
3.0
0.70
0.5
55
12
-55 to +150
-55 to +150
80
80
56
100
100
70
V
V
V
A
A
V
mA
OC/W
OC
OC
0.50
0.85
10
2


Similar Part No. - CDBA360-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBA360-G COMCHIP-CDBA360-G Datasheet
564Kb / 2P
SMD sChottky Barrier Rectifiers
More results

Similar Description - CDBA360-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
SMD Schottky Barrier Rectifiers
CDBA220-HF COMCHIP-CDBA220-HF Datasheet
94Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA3150-HF COMCHIP-CDBA3150-HF Datasheet
97Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB320-G COMCHIP-CDBB320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB5150-HF COMCHIP-CDBB5150-HF Datasheet
98Kb / 4P
SMD Schottky Barrier Rectifiers
CDBC3150-HF COMCHIP-CDBC3150-HF Datasheet
96Kb / 4P
SMD Schottky Barrier Rectifiers
CDBFN120-HF COMCHIP-CDBFN120-HF_12 Datasheet
95Kb / 4P
SMD Schottky Barrier Rectifiers
CDBM120-HF COMCHIP-CDBM120-HF_12 Datasheet
94Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com