Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXDI609CI Datasheet(PDF) 1 Page - Clare, Inc.

Part # IXDI609CI
Description  9-Ampere Low-Side Ultrafast MOSFET Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

IXDI609CI Datasheet(HTML) 1 Page - Clare, Inc.

  IXDI609CI Datasheet HTML 1Page - Clare, Inc. IXDI609CI Datasheet HTML 2Page - Clare, Inc. IXDI609CI Datasheet HTML 3Page - Clare, Inc. IXDI609CI Datasheet HTML 4Page - Clare, Inc. IXDI609CI Datasheet HTML 5Page - Clare, Inc. IXDI609CI Datasheet HTML 6Page - Clare, Inc. IXDI609CI Datasheet HTML 7Page - Clare, Inc. IXDI609CI Datasheet HTML 8Page - Clare, Inc. IXDI609CI Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DS-IXD_609-R02
www.clare.com
1
RoHS
2002/95/EC
e3
Pb
Features
• 9A Peak Source/Sink Drive Current
• Wide Operating Voltage Range: 4.5V to 35V
• -40°C to +125°C Extended Operating Temperature
Range
• Logic Input Withstands Negative Swing of up to 5V
• Matched Rise and Fall Times
• Low Propagation Delay Time
• Low, 10
A Supply Current
• Low Output Impedance
Applications
• Efficient Power MOSFET and IGBT Switching
• Switch Mode Power Supplies
• Motor Controls
• DC to DC Converters
• Class-D Switching Amplifiers
• Pulse Transformer Driver
Description
The IXDD609/IXDI609/IXDN609 high-speed gate
drivers are especially well suited for driving the latest
IXYS MOSFETs and IGBTs. The IXD_609
high-current output can source and sink 9A of peak
current while producing voltage rise and fall times of
less than 25ns. The input is CMOS compatible, and is
virtually immune to latch up. Proprietary circuitry
eliminates cross-conduction and current
“shoot-through.” Low propagation delay and fast,
matched rise and fall times make the IXD_609 family
ideal for high-frequency and high-power applications.
The IXDD609 is configured as a non-inverting driver
with an enable, the IXDN609 is configured as a
non-inverting driver, and the IXDI609 is configured as
an inverting driver.
The IXD_609 family is available in a standard 8-pin
DIP (PI); an 8-pin SOIC (SIA); an 8-pin Power SOIC
with an exposed metal back (SI); an 8-pin DFN (D2); a
5-pin TO-263 (YI); and a 5-pin TO-220 (CI).
Ordering Information
Part Number
Logic
Configuration
Package Type
Packing
Method
Quantity
IXDD609D2TR
8-Pin DFN
Tape & Reel
2000
IXDD609SI
8-Pin Power SOIC with Exposed Metal Back
Tube
100
IXDD609SITR
8-Pin Power SOIC with Exposed Metal Back
Tape & Reel
2000
IXDD609SIA
8-Pin SOIC
Tube
100
IXDD609SIATR
8-Pin SOIC
Tape & Reel
2000
IXDD609PI
8-Pin DIP
Tube
50
IXDD609CI
5-Pin TO-220
Tube
50
IXDD609YI
5-Pin TO-263
Tube
50
IXDI609SI
8-Pin Power SOIC with Exposed Metal Back
Tube
100
IXDI609SITR
8-Pin Power SOIC with Exposed Metal Back
Tape & Reel
2000
IXDI609SIA
8-Pin SOIC
Tube
100
IXDI609SIATR
8-Pin SOIC
Tape & Reel
2000
IXDI609PI
8-Pin DIP
Tube
50
IXDI609CI
5-Pin TO-220
Tube
50
IXDI609YI
5-Pin TO-263
Tube
50
IXDN609SI
8-Pin Power SOIC with Exposed Metal Back
Tube
100
IXDN609SITR
8-Pin Power SOIC with Exposed Metal Back
Tape & Reel
2000
IXDN609SIA
8-Pin SOIC
Tube
100
IXDN609SIATR
8-Pin SOIC
Tape & Reel
2000
IXDN609PI
8-Pin DIP
Tube
50
IXDN609CI
5-Pin TO-220
Tube
50
IXDN609YI
5-Pin TO-263
Tube
50
IN
EN
OUT
IN
OUT
IN
OUT
IXD_609
9-Ampere Low-Side
Ultrafast MOSFET Drivers


Similar Part No. - IXDI609CI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDI609CI IXYS-IXDI609CI Datasheet
322Kb / 14P
9A Peak Source/Sink Drive Current
More results

Similar Description - IXDI609CI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDI414 IXYS-IXDI414 Datasheet
241Kb / 10P
14 Ampere Low-Side Ultrafast MOSFET Drivers
IXDN402PI IXYS-IXDN402PI Datasheet
221Kb / 10P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN404 IXYS-IXDN404_04 Datasheet
760Kb / 11P
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
Clare, Inc.
IXD_602 CLARE-IXD_602 Datasheet
1Mb / 13P
2-Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXD_614 CLARE-IXD_614 Datasheet
1Mb / 14P
14-Ampere Low-Side Ultrafast MOSFET Drivers
IXD_630 CLARE-IXD_630 Datasheet
1Mb / 12P
30-Ampere Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDN514SIA IXYS-IXDN514SIA Datasheet
385Kb / 12P
14 Ampere Low-Side Ultrafast MOSFET Drivers
IXDF502 IXYS-IXDF502 Datasheet
409Kb / 12P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDI509 IXYS-IXDI509 Datasheet
354Kb / 12P
9 Ampere Low-Side Ultrafast MOSFET Drivers
IXDR502 IXYS-IXDR502 Datasheet
216Kb / 11P
2 Ampere Single Low-Side Ultrafast MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com