Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXDI609PI Datasheet(PDF) 8 Page - Clare, Inc.

Part # IXDI609PI
Description  9-Ampere Low-Side Ultrafast MOSFET Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

IXDI609PI Datasheet(HTML) 8 Page - Clare, Inc.

Back Button IXDI609PI Datasheet HTML 4Page - Clare, Inc. IXDI609PI Datasheet HTML 5Page - Clare, Inc. IXDI609PI Datasheet HTML 6Page - Clare, Inc. IXDI609PI Datasheet HTML 7Page - Clare, Inc. IXDI609PI Datasheet HTML 8Page - Clare, Inc. IXDI609PI Datasheet HTML 9Page - Clare, Inc. IXDI609PI Datasheet HTML 10Page - Clare, Inc. IXDI609PI Datasheet HTML 11Page - Clare, Inc. IXDI609PI Datasheet HTML 12Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
IXD_609
8
www.clare.com
R02
Load Capacitance (pF)
1000
10000
0
100
200
300
400
500
Supply Current vs. Load Capacitance
(V
CC=18V)
f=2MHz
f=1MHz
f=500kHz
f=100kHz
f=50kHz
f=10kHz
f=1kHz
Load Capacitance (pF)
1000
10000
0
50
100
150
200
250
300
Supply Current vs. Load Capacitance
(V
CC=12V)
f=2MHz
f=1MHz
f=500kHz
f=100kHz
f=50kHz
f=10kHz
f=1kHz
Load Capacitance (pF)
1000
10000
0
50
100
150
200
Supply Current vs. Load Capacitance
(V
CC=8V)
f=2MHz
f=1MHz
f=500kHz
f=100kHz
f=50kHz
f=10kHz
f=1kHz
Frequency (kHz)
1
10
100
1000
10000
0.1
1
10
100
1000
Supply Current vs. Frequency
(V
CC=18V)
C
L=10nF
C
L=5.4nF
C
L=1.5nF
Frequency (kHz)
1
10
100
1000
10000
0.1
1
10
100
1000
Supply Current vs. Frequency
(V
CC=12V)
C
L=10nF
C
L=5.4nF
C
L=1.5nF
Frequency (kHz)
1
10
100
1000
10000
0.01
0.1
1
10
100
1000
Supply Current vs. Frequency
(V
CC=8V)
C
L=10nF
C
L=5.4nF
C
L=1.5nF
Temperature (ºC)
-40
-20
0
204060
80
100 120 140
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Quiescent Supply Current
vs. Temperature
V
IN=3.5V
V
IN=5V
V
IN=10V
V
IN=0V & 18V
Temperature (ºC)
-40
-20
0
204060
80
100 120 140
0.35
0.40
0.45
0.50
0.55
0.60
0.65
Dynamic Supply Current
vs. Temperature
(V
IN=5V, VCC=18V, f=1kHz, CL=1.5nF)
Supply Voltage (V)
0
5
10
15
20
25
30
35
0
-5
-10
-15
-20
-25
-30
Output Source Current
vs. Supply Voltage
(f=422Hz, C
L=66nF)
Supply Voltage (V)
0
5
10
15
20
25
30
35
0
5
10
15
20
25
30
Output Sink Current
vs. Supply Voltage
(f=422Hz, C
L=66nF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com