Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UT912DL-S20-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UT912DL-S20-R
Description  DECODERS FOR REMOTE CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT912DL-S20-R Datasheet(HTML) 6 Page - Unisonic Technologies

  UT912DL-S20-R Datasheet HTML 1Page - Unisonic Technologies UT912DL-S20-R Datasheet HTML 2Page - Unisonic Technologies UT912DL-S20-R Datasheet HTML 3Page - Unisonic Technologies UT912DL-S20-R Datasheet HTML 4Page - Unisonic Technologies UT912DL-S20-R Datasheet HTML 5Page - Unisonic Technologies UT912DL-S20-R Datasheet HTML 6Page - Unisonic Technologies UT912DL-S20-R Datasheet HTML 7Page - Unisonic Technologies UT912DL-S20-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
UT912D
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R502-044.B
FUNCTIONAL DESCRIPTION
Operation
The UTC UT912D offers different packages by various combinations of addresses and data pins to pair with the
UTC UT912E. The decoders receive data that are transmitted by an encoder and interpret the first N bits of code
period as addresses and the last 12-N bits as data, where N is the address code number. A signal on the DIN pin
activates the oscillator, which in turn decodes the incoming address and data. The decoders will then check the
received address three times continuously. If the received address codes all match the contents of the decoder-s
local address, the 12-N bits of data are decoded to activate the output pins and the VT pin is set high to indicate a
valid transmission. This will last unless the address code is incorrect or no signal is received. The output of the VT
pin is high only when the transmission is valid. Otherwise it is always low.
Decoder timing
Address/Data sequence
The following provides the address/data sequence table for various models of the UTC UT912D. The correct
device should be selected according to the individual address and data requirements.
Bits
0
1
2
3
4
5
6
7
8
9
10
11
Address/
Data
A0
A1
A2
A3
A4
A5
A6
A7
D8
D9
D10 D11



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com