Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74LVC2G34G-AL6-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74LVC2G34G-AL6-R
Description  DUAL BUFFER GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC2G34G-AL6-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74LVC2G34G-AL6-R Datasheet HTML 1Page - Unisonic Technologies U74LVC2G34G-AL6-R Datasheet HTML 2Page - Unisonic Technologies U74LVC2G34G-AL6-R Datasheet HTML 3Page - Unisonic Technologies U74LVC2G34G-AL6-R Datasheet HTML 4Page - Unisonic Technologies U74LVC2G34G-AL6-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74LVC2G34
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-430.A
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ +6.5
V
Input Voltage
VIN
-0.5 ~ +6.5
V
Active mode
-0.5 ~ VCC+0.5
V
Output Voltage
Power-down mode
VOUT
-0.5 ~ +6.5
V
VCC or GND Current
ICC
±100
mA
Continuous Output Current (VOUT=0 to VCC)
IOUT
± 50
mA
Input Clamp Current (VIN<0)
IIK
- 50
mA
Output Clamp Current (VOUT<0 or VOUT>VCC)
IOK
± 50
mA
Power Dissipation (TA=-40°C to +125°C)
PD
300
mW
Storage Temperature Range
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
Operating
1.65
5.5
V
Input Voltage
VIN
0
5.5
V
Active mode
0
VCC
V
Output Voltage
VOUT
VCC=0V, Power-down mode
0
5.5
V
Operating Temperature
TA
-40
125
°C
VCC=1.65V ~ 2.7V
0
20
ns/V
Input Rise or Fall Times
tR / tF
VCC=2.7V ~ 5. 5V
0
10
ns/V
ELECTRICAL CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=1.65V ~ 1.95V
0.65*VCC
V
VCC=2.3V ~ 2.7V
1.7
V
VCC=3V ~ 3.6V
2
V
High-Level Input Voltage
VIH
VCC=4.5V ~ 5.5V
0.7*VCC
V
VCC=1.65V ~ 1.95V
0.35*VCC
V
VCC=2.3V ~ 2.7V
0.7
V
VCC=3V ~ 3.6V
0.8
V
Low-Level Input Voltage
VIL
VCC=4.5V ~ 5.5V
0.3*VCC
V
IOH=-100μA
VCC=1.65 ~ 5.5V
VCC-0.1
V
IOH=-4mA
VCC=1.65V
1.2
V
IOH=-8mA
VCC=2.3V
1.9
V
IOH=-12mA
VCC=2.7V
2.2
V
IOH=-24mA
VCC=3.0V
2.3
V
High-Level Output Voltage
VOH
IOH=-32mA
VCC=4.5V
3.8
V
IOL=100μA
VCC=1.65 ~ 5.5V
0.1
V
IOL=4mA
VCC=1.65V
0.45
V
IOL=8mA
VCC=2.3V
0.3
V
IOL=12mA
VCC=2.7V
0.4
V
IOL=24mA
VCC=3.0V
0.55
V
Low-Level Output Voltage
VOL
IOL=32mA
VCC=4.5V
0.55
V
Input Leakage Current
II(LEAK)
VIN=5.5V or GND, VCC=5.5V
± 5
μA
Power OFF Leakage Current
IOFF
VIN or VOUT=5.5V, VCC=0V
±10
μA
Quiescent Supply Current
IQ
VIN=5.5V or GND, IOUT=0
VCC=5.5V
10
μA
Additional Quiescent Supply
Current Per Input Pin
ΔIQ
VCC=2.3 ~ 5.5V, IOUT=0
One input at VCC-0.6V, Other
inputs at VCC or GND
500
μA
Input Capacitance
CIN
2.5
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com