Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX13086E Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX13086E
Description  5.0V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13086E Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX13086E Datasheet HTML 1Page - Maxim Integrated Products MAX13086E Datasheet HTML 2Page - Maxim Integrated Products MAX13086E Datasheet HTML 3Page - Maxim Integrated Products MAX13086E Datasheet HTML 4Page - Maxim Integrated Products MAX13086E Datasheet HTML 5Page - Maxim Integrated Products MAX13086E Datasheet HTML 6Page - Maxim Integrated Products MAX13086E Datasheet HTML 7Page - Maxim Integrated Products MAX13086E Datasheet HTML 8Page - Maxim Integrated Products MAX13086E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
+5.0V, ±15kV ESD-Protected, Fail-Safe,
Hot-Swap, RS-485/RS-422 Transceivers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +5.0V ±10%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5.0V and TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All Voltages Referenced to GND)
Supply Voltage (VCC).............................................................+6V
Control Input Voltage (
RE, DE, SLR,
H/
F, TXP, RXP)......................................................-0.3V to +6V
Driver Input Voltage (DI)...........................................-0.3V to +6V
Driver Output Voltage (Z, Y, A, B) .............................-8V to +13V
Receiver Input Voltage (A, B)....................................-8V to +13V
Receiver Input Voltage
Full Duplex (A, B) ..................................................-8V to +13V
Receiver Output Voltage (RO)....................-0.3V to (VCC + 0.3V)
Driver Output Current .....................................................±250mA
Continuous Power Dissipation (TA = +70°C)
8-Pin SO (derate 5.88mW/°C above +70°C) .................471mW
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) .....727mW
14-Pin SO (derate 8.33mW/°C above +70°C) ...............667mW
14-Pin Plastic DIP (derate 10.0mW/°C above +70°C) ...800mW
Operating Temperature Ranges
MAX1308_EC_ _ .................................................0°C to +75°C
MAX1308_EE_ _ ..............................................-40°C to +85°C
MAX1308_EA_ _ ............................................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DRIVER
VCC Supply-Voltage Range
VCC
4.5
5.5
V
RL = 100
Ω (RS-422), Figure 1
3
VCC
RL = 54
Ω (RS-485), Figure 1
2
VCC
Differential Driver Output
VOD
No load
VCC
V
Change in Magnitude of
Differential Output Voltage
ΔVOD
RL = 100
Ω or 54Ω, Figure 1 (Note 2)
0.2
V
Driver Common-Mode Output
Voltage
VOC
RL = 100
Ω or 54Ω, Figure 1
VCC / 2
3
V
Change in Magnitude of
Common-Mode Voltage
ΔVOC
RL = 100
Ω or 54Ω, Figure 1 (Note 2)
0.2
V
Input-High Voltage
VIH
DE, DI,
RE, TXP, RXP, H/F
3V
Input-Low Voltage
VIL
DE, DI,
RE, TXP, RXP, H/F
0.8
V
Input Hysteresis
VHYS
DE, DI,
RE, TXP, RXP, H/F
100
mV
Input Current
IIN1
DE, DI,
RE
±1µA
Input Impedance First Transition
DE
1
10
k
Ω
Input Current
IIN2
TXP, RXP, H/
F internal pulldown
10
40
µA
SRL Input-High Voltage
VCC - 0.4
V
SRL Input-Middle Voltage
VCC x 0.3
VCC x 0.7
V
SRL Input-Low Voltage
0.4
V
SRL = VCC
75
SRL Input Current
SRL = GND
-75
µA
VIN = +12V
125
Output Leakage (Y and Z)
Full Duplex
IO
DE = GND,
VCC = GND or VCC
VIN = -7V
-100
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com