Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMISH205D Datasheet(PDF) 2 Page - Tyco Electronics

Part # OMISH205D
Description  2 Pole Miniature 2 Pole Miniature
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

OMISH205D Datasheet(HTML) 2 Page - Tyco Electronics

  OMISH205D Datasheet HTML 1Page - Tyco Electronics OMISH205D Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
461
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
OEG
Catalog 1308242
Issued 3-03
Reference Data
Wiring Diagram (Bottom View)
Outline Dimensions
Coil Temperature Rise
Operate Time
Life Expectancy
PC Board Layout (Bottom View)
Ordering Information
Typical Part Number
B
OMI
-SS
-2
12
L
M
,594
1. Basic Series:
OMI = 2 Pole Miniature Power PC Board Relay.
2. Enclosure:
SS = Vent (Flux-tight)* plastic cover.
SH = Sealed, plastic case.
3. Termination:
2 = 2 pole
4. Coil Voltage:
05 = 5VDC
09 = 9VDC
24 = 24VDC
06 = 6VDC
12 = 12VDC
48 = 48VDC
5. Coil Input:
D = Standard (720mW)
L = Sensitive (540mW)
6. Contact Arrangement:
Blank = 2 Form C, DPDT
M = 2 Form A, DPST-NO
7. Suffix:
,500 = Standard model for "SS" enclosure
,594 = Standard model for "SH" enclosure
Other Suffix = Custom model
* Not suitable for immersion cleaning processes.
12
10
8
6
4
2
0.2
0.4
0.6
0.8
1.0
1.2
Coil Power (W)
Release Time
Operate Time
1.4
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Coil Power (W)
60
50
40
30
20
10
0.8
100
Contact Curr ent (A)
10
1
01
2
3
4
5
240VAC, 24VDC
Resistive
.024
c
(.60)
.100
± .008
(2.55
± .2)
.012
(.3)
.157
± .012
(4.0
± .3)
.2
(5.08)
.039
(1.0)
.039
(1.0)
1.15
± .02
(29.2
± .5)
.144
(.067)
.30
± .008
(7.6
± .2)
.811
± .02
(20.6
± .5)
.504
± .02
(12.8
± .5)
.012
(.3)
.6
(15.24)
.2
(5.08)
.012
(.3)
.2
(5.08)
2 – .039 DIA
(1.0)
.600
(15.24)
.30
± .004
(7.6
± .1)
.2
(5.08)
6 – .059 DIA
(1.5)
OMI-SH-205D,594
OMI-SH-212D,594
OMI-SH-224D,594
Our authorized distributors are more likely to stock the following items for immediate delivery.
OMI-SH-205L,594
OMI-SH-212L,594
OMI-SH-224L,594



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com