Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ORWHSS103DM Datasheet(PDF) 1 Page - Tyco Electronics

Part # ORWHSS103DM
Description  10 Amp Miniature Power PC Board Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ORWHSS103DM Datasheet(HTML) 1 Page - Tyco Electronics

  ORWHSS103DM Datasheet HTML 1Page - Tyco Electronics ORWHSS103DM Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
438
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
OEG
Catalog 1308242
Issued 3-03 (PDF Rev. 3-04)
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Features
• Compact relay with 1 Form A and 1 Form C contact arrangements.
• 10 Amp switching capacity.
• Flux-tight or sealed version available.
• Applications include appliance, HVAC, security system, garage opener
control, emergency lighting.
ORWH series
10 Amp Miniature
Power PC Board Relay
File No. E82292
Initial Insulation Resistance
Between Mutually Insulated Elements: 1,000M ohms min. @ 500VDC.
Mechanical Data
Termination: Printed circuit terminals.
Enclosure (94V-0 Flammability Ratings):
ORWH-SS: Vented (flux-tight) cover.
ORWH-SH: Sealed plastic case. Note: Vent nib should be removed
after soldering and cleaning.
Weight: 0.33 oz (9.5g) approximately.
Coil Data @ 20
°C
Operate Data
Must Operate Voltage: 70% of nominal voltage or less.
Must Release Voltage: 10% of nominal voltage or more.
Operate Time: 10 ms max.
Release Time: 5 ms max.
Environmental Data
Temperature Range:
Operating: -30
°C to +70°C
Vibration, Mechanical: 10 to 55 Hz., 1.5mm double amplitude
Operational: 10 to 55 Hz., 1.5mm double amplitude.
Shock, Mechanical: 1,000m/s2 (100G approximately).
Operational: 100m/s2 (10G approximately).
Operating Humidity: 20 to 85% RH. (Non-condensing).
Initial Dielectric Strength
Between Open Contacts: 750VAC 50/60 Hz. (1 minute).
Between Coil and Contacts: 1,500VAC 50/60 Hz. (1 minute).
Surge Voltage Between Coil and Contacts: 3,000V (1.2 / 50
µs).
Contact Data @ 20
°C
Arrangements: 1 Form A (SPST-NO) and 1 Form C (SPDT).
Material: AgCdO.
Max. Switching Rate: 300 ops./min. (no load).
20 ops./min. (rated load).
Expected Mechanical Life: 10 million operations (no load).
Expected Electrical Life: 100,000 operations at 10A @ 250VAC res. (NO).
Minimum Load: 100mA @ 5VDC.
Initial Contact Resistance: 100 milliohms @ 1A, 6VDC.
Coil Data @ 20
°C
Voltage: 3 to 48VDC.
Nominal Power: 360 mW
Max. Coil Power: 130% of nominal.
Duty Cycle: Continuous.
Contact Ratings
Ratings: 10A/6A @ 250VAC resistive (NO/NC),
10A/6A @ 28VDC resistive (NO/NC),
15A @ 120VAC resistive (NO),
15A @ 28VDC resistive (NO),
10A @ 277VAC resistive (NO).
Max. Switched Voltage: AC: 277V.
DC: 30V.
Max. Switched Current: 15A.
Max. Switched Power: 2,770VA, 360W.
ORWH
Rated Coil
Nominal
Coil
Must Operate
Must Release
Voltage
Current
Resistance
Voltage
Voltage
(VDC)
(mA)
(ohms)
± 10%
(VDC)
(VDC)
3
120.0
25
2.1
0.3
5
71.4
70
3.5
0.5
6
60.0
100
4.2
0.6
9
44.4
225
6.3
0.9
12
40.0
400
8.4
1.2
24
15.0
1,600
16.8
2.4
48
7.5
6,400
33.6
4.8
TUV Rheinland
..
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that user also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.


Similar Part No. - ORWHSS103DM

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
ORWH TEC-ORWH Datasheet
463Kb / 3P
Compact relay with 1 Form A and 1 Form C contact arrangement
logo
Tyco Electronics
ORWH MACOM-ORWH Datasheet
56Kb / 2P
10 Amp Miniature Power PC Board Relay
Rev. 3-04
ORWH-SH-103D,N000 MACOM-ORWH-SH-103D,N000 Datasheet
56Kb / 2P
10 Amp Miniature Power PC Board Relay
Rev. 3-04
ORWH-SH-103DM,N000 MACOM-ORWH-SH-103DM,N000 Datasheet
56Kb / 2P
10 Amp Miniature Power PC Board Relay
Rev. 3-04
ORWH-SH-105D,N000 MACOM-ORWH-SH-105D,N000 Datasheet
56Kb / 2P
10 Amp Miniature Power PC Board Relay
Rev. 3-04
More results

Similar Description - ORWHSS103DM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OUDH ETC1-OUDH Datasheet
34Kb / 2P
10 Amp Miniature, Sealed PC Board Relay
logo
American Zettler, Inc.
AZ962 AZETTLER-AZ962 Datasheet
60Kb / 2P
10 AMP MINIATURE PC BOARD RELAY
AZ9621 AZETTLER-AZ9621 Datasheet
96Kb / 2P
10 AMP MINIATURE PC BOARD RELAY
logo
Tyco Electronics
OJ-SH-105HM MACOM-OJ-SH-105HM Datasheet
72Kb / 2P
3-10 Amp Miniature,PC Board Relay
PCE-124D1M MACOM-PCE-124D1M Datasheet
113Kb / 2P
10 Amp Miniature Power PC Board Relay
SDT-S-112LMR MACOM-SDT-S-112LMR Datasheet
131Kb / 2P
10 Amp Miniature Power PC Board Relay
SDT-SS-112DM MACOM-SDT-SS-112DM Datasheet
173Kb / 2P
10 Amp Miniature Power PC Board Relay
2-1393222-9 MACOM-2-1393222-9 Datasheet
89Kb / 2P
10 Amp, PC Board Miniature Relay
2-1393223-8 MACOM-2-1393223-8 Datasheet
89Kb / 2P
10 Amp, PC Board Miniature Relay
SDT MACOM-SDT Datasheet
173Kb / 2P
10 Amp Miniature Power PC Board Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com