Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F5630ECDLK Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R5F5630ECDLK
Description  Renesas MCUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630ECDLK Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R5F5630ECDLK Datasheet HTML 7Page - Renesas Technology Corp R5F5630ECDLK Datasheet HTML 8Page - Renesas Technology Corp R5F5630ECDLK Datasheet HTML 9Page - Renesas Technology Corp R5F5630ECDLK Datasheet HTML 10Page - Renesas Technology Corp R5F5630ECDLK Datasheet HTML 11Page - Renesas Technology Corp R5F5630ECDLK Datasheet HTML 12Page - Renesas Technology Corp R5F5630ECDLK Datasheet HTML 13Page - Renesas Technology Corp R5F5630ECDLK Datasheet HTML 14Page - Renesas Technology Corp R5F5630ECDLK Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 11 of 168
Sep 13, 2011
RX630 Group
1. Overview
1.3
Block Diagram
Figure 1.2 shows a block diagram.
Figure 1.2
Block Diagram
ICUb:
Interrupt control unit
DTCa:
Data transfer controller
DMACA:
DMA controller
BSC:
Bus controller
WDTA:
Watchdog timer
IWDTa:
Independent watchdog timer
CRC:
CRC (cyclic redundancy check) calculator
SCIc, SCId: Serial communications interface
USBa:
USB 2.0 function module
RSPI:
Serial peripheral interface
CAN:
CAN module
MTU2a: Multi-function timer pulse unit 2
POE2a: Port output enable 2
TPUA:
16-bit timer pulse unit
PPG:
Programmable pulse generator
TMR:
8-bit timer
CMT:
Compare match timer
RTCa:
Realtime clock
RIIC:
I
2C bus interface
IEB:
IEBus controller
External bus
BSC
Clock
generation
circuit
RX CPU
RAM
ROM
Port 0
Port 1
Port 2
Port 3
Port 4
Port 5
Port 6
Port 7
Port 8
Port 9
Port A
Port B
Port C
10-bit ADC × 8 channels
12-bit ADC × 21 channels
MTU2a × 6 channels (unit 0)
10-bit DAC × 2 channels
SCIc × 12 channels
WDTA
RIIC × 4 channels
E2 DataFlash
CRC
IWDTa
USBa (1 port)
CAN × 3 channels
RTCa
POE2a
TPUa × 6 channels (unit 1)
IEB
CMT × 2 channels (unit 1)
CMT × 2 channels (unit 0)
TMR × 2 channels (unit 1)
TMR × 2 channels (unit 0)
PPG (unit 1)
PPG (unit 0)
RSPI (unit 1)
RSPI (unit 0)
DTCa
DMACA ×
4 channels
ICUb
Temperature sensor
TPUa × 6 channels (unit 0)
RSPI (unit 2)
SCId × 1 channel
Port D
Port E
Port F
Port G
Port H
Port J
Port K
Port L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com