Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF8563 Datasheet(PDF) 17 Page - Tiger Electronic Co.,Ltd

Part # PCF8563
Description  Real-time Clock/Calendar
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

PCF8563 Datasheet(HTML) 17 Page - Tiger Electronic Co.,Ltd

Back Button PCF8563 Datasheet HTML 13Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 14Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 15Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 16Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 17Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 18Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 19Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 20Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 21Page - Tiger Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
PCF8563
17/23
start-up times experienced by these types of circuits, a mechanism has been built in to
disable the POR and hence speed up on-board test of the device. The setting of this mode
requires that the I 2 C-bus pins, SDA and SCL, be toggled in a specific order as shown in
Figure 5. All timing values are required minimum.
Once the override mode has been entered, the chip immediately stops being reset and
normal operation starts i.e. entry into the EXT_CLK test mode via I 2 C-bus access. The
override mode is cleared by writing a logic 0 to bit TESTC. Re-entry into the override mode
is only possible after TESTC is set to logic 1. Setting TESTC to logic 0 during normal
operation has no effect except to prevent entry into the POR override mode.
POR override sequence
Serial interface
The serial interface of the
PCF8563 is the I 2 C-bus. A detailed description of the I 2 C-bus
specification, including applications, is given in the brochure: The I 2 C-bus and how to use
it, order no. 9398 393 40011 or I 2 C Peripherals Data Handbook IC12.
Characteristics of the I
2 C-bus
The I 2 C-bus is for bidirectional, two-line communication between different ICs or modules.
The two lines are a serial data line (SDA) and a serial clock line (SCL). Both lines must be
connected to a positive supply via a pull-up resistor. Data transfer may be initiated only
when the bus is not busy.
The I 2 C-bus system configuration is shown in Figure below. A device generating a message
is a ‘transmitter’, a device receiving a message is the ‘receiver’. The device that controls
the message is the ‘master’ and the devices which are controlled by the master are the
‘slaves’.
I 2 C-bus system configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com